Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8301 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8301
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8301 Datasheet HTML 2Page - Linear Technology LT8301 Datasheet HTML 3Page - Linear Technology LT8301 Datasheet HTML 4Page - Linear Technology LT8301 Datasheet HTML 5Page - Linear Technology LT8301 Datasheet HTML 6Page - Linear Technology LT8301 Datasheet HTML 7Page - Linear Technology LT8301 Datasheet HTML 8Page - Linear Technology LT8301 Datasheet HTML 9Page - Linear Technology LT8301 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8068
6
8068fb
For more information www.linear.com/LTM8068
Minimum Load Current vs VOUT1
Over Full Input Voltage Range
TYPICAL PERFORMANCE CHARACTERISTICS
Output Noise and Ripple
DC2358A, 200mA Load Current
Frequency vs VOUT1 Load Current
Stock DC2358A Demo Board
VOUT2 Dropout
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
VOUT1 (V)
0
6
12
18
24
0
5
10
15
20
25
8068 G19
C9 = 470pF
HP461 150MHz AMPLIFIER AT 40dB GAIN
2µs/DIV
VOUT2
500µV/DIV
VOUT1
20mV/DIV
8068 G20
LOAD CURRENT (mA)
0
100
200
300
400
500
600
150
250
350
450
8068 G21
VIN = 5V
VIN = 12V
VIN = 24V
VOUT2 LOAD CURRENT (mA)
0.7
0.6
0.5
0.4
0.3
0.2
0
0.1
8058 G22
0
100
300
200
250
150
50
–40°C
125°C
25°C
VOUT2 = 3.3V
Derating, 1.2VOUT2
Derating, 1.5VOUT2
Derating, 2.5VOUT2
Derating,3.3VOUT2
Derating, 1.8VOUT2
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
8068 G23
VIN = 5V
VIN = 12V
VIN = 24V, 36V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
8068 G24
VIN = 5V
VIN = 12V
VIN = 24V, 36V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
8068 G25
VIN = 5V
VIN = 12V
VIN = 24V, 36V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
8068 G26
VIN = 5V
VIN = 12V
VIN = 24V, 36V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
8068 G27
VIN = 5V
VIN = 12V
VIN = 24V, 36V


Similar Part No. - LT8301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
   42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8301 LINER-LT8301 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
logo
Analog Devices
LT8301 AD-LT8301 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8301 AD-LT8301 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
LT8301 AD-LT8301 Datasheet
1Mb / 20P
   Industrial SPoE PD Controller
Rev. 0
More results

Similar Description - LT8301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
   3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
   3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
   Isolated DC/DC Module Converter
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
   Isolated DC/DC Converter Module
logo
Linear Technology
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
   3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter
LTC3330 LINER-LTC3330 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com