Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8064 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8064
Description  60VIN, 3A Silent Switcher 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8064 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8064 Datasheet HTML 2Page - Linear Technology LTM8064 Datasheet HTML 3Page - Linear Technology LTM8064 Datasheet HTML 4Page - Linear Technology LTM8064 Datasheet HTML 5Page - Linear Technology LTM8064 Datasheet HTML 6Page - Linear Technology LTM8064 Datasheet HTML 7Page - Linear Technology LTM8064 Datasheet HTML 8Page - Linear Technology LTM8064 Datasheet HTML 9Page - Linear Technology LTM8064 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTM8073
6
8073fa
For more information www.linear.com/LTM8073
Typical perForMance characTerisTics
Input vs Load Current
VOUT = 1V
Input vs Load Current
VOUT = 1.2V
Input vs Load Current
VOUT = 1.5V
Input vs Load Current
VOUT = 1.8V
Input vs Load Current
VOUT = 2.5V
Input vs Load Current
VOUT = 3.3V
Input vs Load Current
VOUT = 5V
Input vs Load Current
VOUT = 8V
Input vs Load Current
VOUT = 12V
TA = 25°C, unless otherwise noted.
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.25
0.50
0.75
8073 G19
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.25
0.50
0.75
1.00
8073 G20
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.25
0.50
0.75
1.00
8073 G21
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.5
1.0
1.5
8073 G22
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.5
1.0
1.5
8073 G23
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
8073 G24
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
2.5
8073 G25
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
1.0
2.0
3.0
4.0
8073 G26
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
1
2
3
8073 G27


Similar Part No. - LTM8064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8064 LINER-LTM8064 Datasheet
1Mb / 34P
   EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8064 LINER-LTM8064 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM8064 AD-LTM8064 Datasheet
4Mb / 38P
   Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
More results

Similar Description - LTM8064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Analog Devices
LT8386 AD-LT8386 Datasheet
2Mb / 28P
   60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
   Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com