Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8055 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8055
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8055 Datasheet HTML 10Page - Linear Technology LTM8055 Datasheet HTML 11Page - Linear Technology LTM8055 Datasheet HTML 12Page - Linear Technology LTM8055 Datasheet HTML 13Page - Linear Technology LTM8055 Datasheet HTML 14Page - Linear Technology LTM8055 Datasheet HTML 15Page - Linear Technology LTM8055 Datasheet HTML 16Page - Linear Technology LTM8055 Datasheet HTML 17Page - Linear Technology LTM8055 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTM8055
14
8055fb
For more information www.linear.com/LTM8055
Input Current Monitor (IINMON)
The IINMON pin produces a voltage equal to approximately
20 times the voltage of IIN – VIN. Since the LTM8055 input
current limit engages when IIN – VIN = 50mV, IINMON will
be 1V at maximum input current.
Output Current Monitor (IOUTMON)
The IOUTMON pin produces a voltage proportional to the
voltage of VOUT – IOUT. Since the LTM8055 output current
limit engages when VOUT – IOUT = 58mV, IOUTMON will be
1.2V at maximum output current.
Synchronization
TheLTM8055switchingfrequencycanbesynchronizedto
an external clock using the SYNC pin. Driving SYNC with
a 50% duty cycle waveform is a good choice, otherwise
maintainthedutycyclebetweenabout10%and90%.When
synchronizing, a valid resistor value (that is, a value that
results in a free-running frequency of 100kHz to 800kHz)
must be connected from RT to GND.
While an RT resistor is required for proper operation, the
value of this resistor is independent of the frequency of
the externally applied SYNC signal. Be aware, however,
that the LTM8055 will switch at the frequency prescribed
by the RT value if the SYNC signal terminates, so choose
an appropriate resistor value.
CLKOUT
The CLKOUT signal reflects the internal switching clock of
theLTM8055.Itisphaseshiftedbyapproximately180°with
respect to the leading edge of the internal clock. If CLKOUT
is connected to the SYNC input of another LTM8055, the
two devices will switch about 180° out of phase.
Input Precaution
In applications where the output voltage is deliberately
pulled up above the set regulation voltage or the FB pin is
abruptlydriventoanewvoltage,theLTM8055mayattempt
to regulate the voltage by removing energy from the load
for a short period of time after the output is pulled up.
Since the LTM8055 is a synchronous switching converter,
it delivers this energy to the input. If there is nothing on the
LTM8055 input to consume this energy, the input voltage
may rise. If the input voltage rises without intervention, it
may rise above the absolute maximum rating, damaging
the part. Carefully examine the input voltage behavior to
see if the application causes it to rise.
In many cases, the system load on the LTM8055 input
bus will be sufficient to absorb the energy delivered by the
μModule regulator. The power required by other devices
will consume more than enough to make up for what
the LTM8055 delivers. In cases where the LTM8055 is
the largest or only power converter, this may not be true
and some means may need to be devised to prevent the
LTM8055’s input from rising too high. Figure 5a shows a
passive crowbar circuit that will dissipate energy during
momentaryinputovervoltageconditions.Thebreak-down
voltage of the Zener diode is chosen in conjunction with
the resistor R to set the circuit’s trip point. The trip point
is typically set well above the maximum VIN voltage under
normal operating conditions. This circuit does not have
a precision threshold, and is subject to both part-to-part
and temperature variations, so it is most suitable for ap-
plications where the maximum input voltage is much less
than the 40VIN absolute maximum. As stated earlier, this
type of circuit is best suited for momentary overvoltages.
Figure 5a is a crowbar circuit, which attempts to prevent
the input voltage from rising above some level by dumping
energy to GND through a power device. In some cases,
it is possible to simply turn off the LTM8055 when the
input voltage exceeds some threshold. An example of this
circuit is shown in Figure 5b. When the power source on
the output drives VIN above a predetermined threshold,
the comparator pulls down on the RUN pin and stops
switching in the LTM8055. When this happens, the input
capacitance needs to absorb the energy stored within the
LTM8055’s internal inductor, resulting in an additional
voltage rise. This voltage rise depends upon the input
capacitor size and how much current is flowing from the
LTM8055 output to input.
APPLICATIONS INFORMATION


Similar Part No. - LTM8055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8055 LINER-LTM8055 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8055 AD-LTM8055 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM8055 AD-LTM8055 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
LTM8055 AD-LTM8055 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results

Similar Description - LTM8055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
   36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
   36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
   36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
   36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com