Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8020 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8020
Description  58V, 2A Step-Down 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8020 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8020 Datasheet HTML 6Page - Linear Technology LTM8020 Datasheet HTML 7Page - Linear Technology LTM8020 Datasheet HTML 8Page - Linear Technology LTM8020 Datasheet HTML 9Page - Linear Technology LTM8020 Datasheet HTML 10Page - Linear Technology LTM8020 Datasheet HTML 11Page - Linear Technology LTM8020 Datasheet HTML 12Page - Linear Technology LTM8020 Datasheet HTML 13Page - Linear Technology LTM8020 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM8050
10
8050fc
For more information www.linear.com/LTM8050
PIN FUNCTIONS
VOUT (Bank 1): Power Output Pins. Apply the output filter
capacitor and the output load between these pins and
GND pins.
GND (Bank 2): Tie these GND pins to a local ground plane
below the LTM8050 and the circuit components. In most
applications, the bulk of the heat flow out of the LTM8050
is through these pads, so the printed circuit design has a
large impact on the thermal performance of the part. See
the PCB Layout and Thermal Considerations sections for
more details. Return the feedback divider (RFB)tothisnet.
VIN(Bank3):TheVINpinsuppliescurrenttotheLTM8050’s
internal regulator and to the internal power switch. This
pin must be locally bypassed with an external, low ESR
capacitor; see Table 1 for recommended values.
AUX (Pin G5): Low Current Voltage Source for BIAS. In
many designs, the BIAS pin is simply connected to VOUT.
The AUX pin is internally connected to VOUT and is placed
adjacent to the BIAS pin to ease printed circuit board rout-
ing. Although this pin is internally connected to VOUT, it
is not intended to deliver a high current, so do not draw
current from this pin to the load. If this pin is not tied to
BIAS, leave it floating.
BIAS(PinH5):TheBIASpinconnectstotheinternalpower
bus. Connect to a power source greater than 2.8V and less
than 25V. If the output is greater than 2.8V, connect this
pin there. If the output voltage is less, connect this to a
voltage source between 2.8V and 25V. Also, make sure
that BIAS + VIN is less than 72V.
RUN/SS (Pin L5): Pull the RUN/SS pin below 0.2V to
shut down the LTM8050. Tie to 2.5V or more for normal
operation. If the shutdown feature is not used, tie this pin
to the VIN pin. RUN/SS also provides a soft-start function;
see the Applications Information section.
SYNC (Pin L6): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode operation
at low output loads. Tie to a stable voltage source greater
than 0.7V to disable Burst Mode operation. Do not leave
this pin floating. Tie to a clock source for synchroniza-
tion. Clock edges should have rise and fall times faster
than 1μs. See the Synchronization section in Applications
Information.
RT (Pin G7): The RT pin is used to program the switching
frequency of the LTM8050 by connecting a resistor from
this pin to ground. Table 2 gives the resistor values that
correspondtotheresultantswitchingfrequency.Minimize
the capacitance at this pin.
SHARE (Pin H7): Tie this to the SHARE pin of another
LTM8050 when paralleling the outputs. Otherwise, do
not connect.
PGOOD (Pin J7): The PGOOD pin is the open-collector
outputofaninternalcomparator.PGOODremainslowuntil
the FB pin is within 10% of the final regulation voltage.
PGOODoutputisvalidwhenVINisabove3.6VandRUN/SS
is high. If this function is not used, leave this pin floating.
FB (Pin K7): The LTM8050 regulates its FB pin to 0.79V.
Connect the adjust resistor from this pin to ground. The
value of RFB is given by the equation RFB = 394.21/(VOUT
– 0.79), where RFB is in kΩ.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.


Similar Part No. - LTM8020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020 Datasheet
195Kb / 16P
   200mA, 36V DC/DC 關Module
LTM8020 LINER-LTM8020 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8020 LINER-LTM8020 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8020 LINER-LTM8020 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM8020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
   58V, 2A Step-Down Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com