Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF32 Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # SF32
Description  3.0 AMP SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

SF32 Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  SF32 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. SF32 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
3.0
125
5.0
50
50
-65
+150
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
SF31
SF38
THRU
35
* Good for switching mode application
VOLTAGE RANGE
50 to 600 Volts
CURRENT
3.0 Amperes
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
SF31
SF32
SF33
SF34
SF35
SF36
SF38 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.25
1.70
Operating and Storage Temperature Range T , T
J
STG
C


Similar Part No. - SF32

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SF32 EIC-SF32 Datasheet
40Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Mospec Semiconductor
SF32 MOSPEC-SF32 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF32 SAMYANG-SF32 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
SF32 SUNMATE-SF32 Datasheet
135Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier Diodes
logo
Leshan Radio Company
SF32 LRC-SF32 Datasheet
59Kb / 2P
   SUPER FAST DIODES
More results

Similar Description - SF32

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF38 FORMOSA-SF38 Datasheet
65Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
SF31 FORMOSA-SF31 Datasheet
36Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF31 UNIOHM-SF31 Datasheet
70Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
31DF4 LUGUANG-31DF4 Datasheet
183Kb / 2P
   3.0 AMP. Super Fast Rectifiers
logo
Bytes
SF31 BYTES-SF31 Datasheet
161Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
SF31 DGNJDZ-SF31 Datasheet
324Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
ER3A DGNJDZ-ER3A Datasheet
220Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
HER301 FCI-HER301 Datasheet
158Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF31 FCI-SF31 Datasheet
159Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com