Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8048 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8048
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8048 Datasheet HTML 4Page - Linear Technology LTM8048 Datasheet HTML 5Page - Linear Technology LTM8048 Datasheet HTML 6Page - Linear Technology LTM8048 Datasheet HTML 7Page - Linear Technology LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology LTM8048 Datasheet HTML 10Page - Linear Technology LTM8048 Datasheet HTML 11Page - Linear Technology LTM8048 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8049
8
8049fa
For more information www.linear.com/LTM8049
PIN FUNCTIONS
FBX1, FBX2 (Pins C1, J1): If configured as a SEPIC, the
LTM8049 regulates its FBX pin to 1.204V. Apply a resis-
tor between FBX and VOUTP. Its value should be RFB =
[(VOUTP – 1.204)/0.0833]k. If the LTM8049 is configured
as an inverting converter, the LTM8049 regulates the FBX
pin to 7mV. Apply a resistor between FBX and VOUTN of
value RFB = [(|VOUTN| + 0.007)/0.0833]k. The LTM8049
features frequency foldback to protect the power switches
during a fault or output current overload. During start-up,
frequency foldback also limits the current the LTM8049
delivers to the load. The user must evaluate the start-up
behavior of the LTM8049 to ensure that it properly pow-
ers up the load.
PG1, PG2 (Pins D6, H6): These active high pins indicates
that the FBn pin voltage for the corresponding channel
is within 4% of its regulation voltage These open drain
outputs requires a pull-up resistor to indicate power good.
Also, the status of these pins is valid only when RUN >
1.4V and VIN > 2.6V.
CLKOUT1, CLKOUT2 (Pins E6, G6): Use these pins to
synchronize devices to either channel of the LTM8049.
ThesepinsoscillateatthesamefrequencyastheLTM8049
internal oscillator or, if active, the SYNC pin. The CLKOUT1
signal is about 180° out of phase with the oscillator of
channel1anddutycycleisabout50%.TheCLKOUT2signal
is in phase with the internal oscillator of channel 2 and its
duty cycle varies linearly with the internal temperature of
the LTM8049. Please refer to the Applications Information
section for detailed information on using CLKOUT2 as an
indication of the LTM8049 internal temperature. Do not
apply a voltage to this pin or use this pin to drive capaci-
tive loads greater than 120pF.
SHARE1, 2 (pins F3, F4): Connect these pins together if
the two outputs of the LTM8049 are paralleled. Otherwise,
leave these pins floating.


Similar Part No. - LTM8048

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8048 LINER-LTM8048 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8048 LINER-LTM8048 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM8048 LINER-LTM8048 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8048 LINEAR_DIMENSIONS-LTM8048 Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
More results

Similar Description - LTM8048

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
   Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
   Dual 15A or Single 30A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com