Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8040 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8040
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8040 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8040 Datasheet HTML 3Page - Linear Technology LTM8040 Datasheet HTML 4Page - Linear Technology LTM8040 Datasheet HTML 5Page - Linear Technology LTM8040 Datasheet HTML 6Page - Linear Technology LTM8040 Datasheet HTML 7Page - Linear Technology LTM8040 Datasheet HTML 8Page - Linear Technology LTM8040 Datasheet HTML 9Page - Linear Technology LTM8040 Datasheet HTML 10Page - Linear Technology LTM8040 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTM8005
7
8005f
For more information www.linear.com/LTM8005
PIN FUNCTIONS
GND (Bank 1, Pin K1, Pin K8): Tie these GND pins to a
local ground plane below the LTM8005 and the circuit
components. In most applications, the bulk of the heat
flow out of the LTM8005 is through these pads, so the
printed circuit design has a large impact on the thermal
performance of the part. See the PCB Layout and Thermal
Considerations sections for more details. Return the feed-
back divider to this net.
SW (Bank 2): Power Switch Node. This is the drain of the
internal power switching MOSFET. For boost, buck-boost
mode and buck mode topologies, connect this bank to
the inductor and the DA bank. For a SEPIC, connect this
bank to an inductor winding and the positive coupling
capacitor terminal.
DA (Bank 3): Power Diode Anode. For boost, buck-boost
mode and buck mode topologies, connect this bank to
the inductor and the SW bank. For a SEPIC, connect this
bank to an inductor winding and the negative coupling
capacitor terminal.
VOUT (Bank 4): Power Output Pins. Apply the output filter
capacitor between these pins and the GND pins.
ISN (Bank 5): Output Current Sense Resistor. The
LTM8005 incorporates a sense resistor between VOUT
and ISN to set the output current regulation point and
for output current monitoring. If a larger output current
is required, apply an external resistor between VOUT and
ISN. Keep this pin voltage within 0.3V of VOUT.
LED (Bank 6): LED Current Output. Connect the anode of
the LED string to this bank.
VIN (Pin F1): Input Power. The VIN pin supplies current to
the LTM8005’s internal regulators and circuitry, and must
be bypassed with a 0.22µF (or larger) capacitor placed
close to the LTM8005.
IVINN (Pin F2): Input Sense Resistor Signal. Apply an
external sense resistor between IVINP and IVINN to set
the maximum input current and for input current moni-
toring. If this function is not required, tie both IVINP and
IVINN to VIN. Keep this pin voltage within 0.3V of VIN.
EN/UVLO (Pin G1): Enable and Precision UVLO. An accu-
rate 1.22V falling threshold with externally programmable
hysteresis detects when power is OK to enable switching.
Rising hysteresis is generated by the external resistor
divider, an internal 499k resistor between EN/UVLO and
VIN and an accurate internal 3µA pull-down current. Above
the threshold, EN/UVLO input bias current is sub-µA.
Below the falling threshold, a 3µA pull-down current is
enabled so the user can optimize the hysteresis with the
external resistor selection. An undervoltage condition
resets soft-start. The EN/UVLO pin may be connected
directly to VIN, but do not drive this pin directly from
another low impedance voltage source. If EN/UVLO must
be driven from a voltage source, do so with at least a 50
series resistor.
IVINP (Pin G2): Input Sense Resistor Signal. Apply an
external sense resistor between IVINP and IVINN to set
the maximum input current and for input current moni-
toring. If this function is not required, tie both IVINP and
IVINN to VIN. Keep this pin voltage within 0.3V of VIN.
OVLO (Pin H1): Input Overvoltage Lockout Pin. An
accurate 1.25V rising threshold detects when power is
OK to enable switching. If not used, tie this pin to GND.
IVINCOMP (Pin H2): Input Current Sense Amplifier Output
Pin. The voltage at IVINCOMP pin is proportional to IIN as
VIVINCOMP = IIN • RINSNS • 20. A 10nF capacitor to GND
is provided internally at this pin to compensate the input
current loop. Do not load this pin with a current and do not
drive this pin with an external source, although additional
capacitance may be added externally.
SHORTLED (Pin H7): An open-collector pull-down on
SHORTLED asserts when any of the following conditions
happen:
1. FB < 0.3V after SS pin reaches 1.7V at start-up.
2. LED overcurrent (ILED > 2.4A).
To function, the pin requires an external pull-up resistor.
SHORTLED status is only updated during PWM high state
and latched during PWM low state. SHORTLED remains
asserted until the SS pin is discharged below 0.2V. If not
used, leave floating or tie to GND.
OPENLED (Pin H8): Fault Indicator. An open-collector
pull-down on OPENLED asserts if the FB input is above
1.20V (typical), and the LED current is less than 0.16A
(typical). To function, the pin requires an external pull-up


Similar Part No. - LTM8040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8040 LINER-LTM8040 Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
LTM8040 LINER-LTM8040 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
logo
Analog Devices
LTM8040 AD-LTM8040 Datasheet
1Mb / 22P
   36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
Rev. 0
logo
Linear Technology
LTM8040EV-PBF LINER-LTM8040EV-PBF Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
LTM8040IV-PBF LINER-LTM8040IV-PBF Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
More results

Similar Description - LTM8040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM4656 AD-LTM4656 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
logo
Linear Technology
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
   Dual 10A or Single 20A 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com