Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8003 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8003
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 5 Page - Linear Technology

  LTM8003 Datasheet HTML 1Page - Linear Technology LTM8003 Datasheet HTML 2Page - Linear Technology LTM8003 Datasheet HTML 3Page - Linear Technology LTM8003 Datasheet HTML 4Page - Linear Technology LTM8003 Datasheet HTML 5Page - Linear Technology LTM8003 Datasheet HTML 6Page - Linear Technology LTM8003 Datasheet HTML 7Page - Linear Technology LTM8003 Datasheet HTML 8Page - Linear Technology LTM8003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTM8003
5
8003fc
For more information www.linear.com/LTM8003
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Efficiency vs Load Current,
VOUT =12V, BIAS=5V
Efficiency vs Load Current,
VOUT =15V, BIAS=5V
Efficiency vs Load Current,
VOUT =18V, BIAS=5V
Efficiency vs Load Current,
VOUT =–3.3V, BIASTied to
LTM8003 GND
Efficiency vs Load Current,
VOUT =–5V, BIASTied to
LTM8003 GND
Efficiency vs Load Current,
VOUT =–8V, BIASTied to
LTM8003 GND
Efficiency vs Load Current,
VOUT =–12V, BIASTied to
LTM8003 GND
Efficiency vs Load Current,
VOUT =–15V, BIASTied to
LTM8003 GND
Efficiency vs Load Current,
VOUT =–18V, BIASTied to
LTM8003 GND
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
8003 G10
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
8003 G11
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
8003 G12
5VIN
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8003 G13
5VIN
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8003 G14
5VIN
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8003 G15
5VIN
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
50
60
70
80
90
8003 G16
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
50
60
70
80
90
8003 G17
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
50
60
70
80
90
8003 G18


Similar Part No. - LTM8003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8003 AD-LTM8003 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
More results

Similar Description - LTM8003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
   65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
LT8641A AD-LT8641A Datasheet
860Kb / 35P
   65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com