Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4676A Datasheet(PDF) 96 Page - Linear Technology

Part # LTM4676A
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Datasheet(HTML) 96 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 92Page - Linear Technology LTM4676A Datasheet HTML 93Page - Linear Technology LTM4676A Datasheet HTML 94Page - Linear Technology LTM4676A Datasheet HTML 95Page - Linear Technology LTM4676A Datasheet HTML 96Page - Linear Technology LTM4676A Datasheet HTML 97Page - Linear Technology LTM4676A Datasheet HTML 98Page - Linear Technology LTM4676A Datasheet HTML 99Page - Linear Technology LTM4676A Datasheet HTML 100Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 136 page
background image
LTM4676A
96
4676afa
For more information www.linear.com/LTM4676A
appenDix c: pMbus coMManD DeTails
VOUT_COMMAND
The VOUT_COMMAND consists of two bytes and is used to set the output voltage, in volts. The maximum guaranteed
value on VOUT is 5.5 volts.
ThiscommandwillnotbeactedonduringTON_RISEandTOFF_FALLoutputsequencing.TheVOUT_TRANSITION_RATE
will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_MARGIN_LOW
The VOUT_MARGIN_LOW command loads the unit with the voltage to which the output is to be changed, in volts,
when the OPERATION command is set to “Margin Low”. The value must be less than VOUT_COMMAND.
ThiscommandwillnotbeactedonduringTON_RISEandTOFF_FALLoutputsequencing.TheVOUT_TRANSITION_RATE
will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_UV_WARN_LIMIT
The VOUT_UV_ WARN_LIMIT command reads the value of the output voltage measured at the sense pins, in volts,
which causes an output voltage low warning.
In response to the VOUT_UV_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT Undervoltage Warning bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command reads the value of the output voltage measured at the sense pins, in volts,
which causes an output undervoltage fault.
This command has two data bytes and is formatted in Linear_16u format.
MFR_VOUT_MAX
The MFR_VOUT_MAX command is the maximum output voltage in volts for each channel including VOUT_OV_FAULT_
LIMIT. If the output voltages are set to high range (Bit 1 of MFR_PWM_MODE set to a 0) MFR_VOUT_MAX for channel
0 and 1 is 5.7V. If the output voltages are set to low range (Bit 1 of MFR_PWM_MODE set to a 1) the MFR_VOUT_MAX
for both channels is 2.75V. Entering VOUT_COMMAND values greater than this will result in a CML fault and the output
voltage setting will be clamped to the maximum level.
This read-only command has 2 data bytes and is formatted in Linear_16u format.


Similar Part No. - LTM4676A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Similar Description - LTM4676A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com