Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZ12BP Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HZ12BP
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ12BP Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HZ12BP Datasheet HTML 1Page - Hitachi Semiconductor HZ12BP Datasheet HTML 2Page - Hitachi Semiconductor HZ12BP Datasheet HTML 3Page - Hitachi Semiconductor HZ12BP Datasheet HTML 4Page - Hitachi Semiconductor HZ12BP Datasheet HTML 5Page - Hitachi Semiconductor HZ12BP Datasheet HTML 6Page - Hitachi Semiconductor HZ12BP Datasheet HTML 7Page - Hitachi Semiconductor HZ12BP Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HZ-P Series
Silicon Epitaxial Planar Zener Diodes
for Voltage Controller & Voltage Limitter
ADE-208-123D (Z)
Rev.4
Sep. 2000
Features
• Wide spectrum from 1.88V through 40V of zener voltage provide flexible application.
• Glass package DO-41 structure ensures high reliability.
Ordering Information
Type No.
Mark
Package Code
HZ-P Series
Type No.
DO-41
Outline
1. Cathode
2. Anode
Cathode band
Type No.
1
2
2.0
B


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn