Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IMF12-04BPONC0S Datasheet(PDF) 6 Page - SICK AG

Part No. IMF12-04BPONC0S
Description  INDUCTIVE PROXIMITY SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IMF12-04BPONC0S Datasheet(HTML) 6 Page - SICK AG

  IMF12-04BPONC0S Datasheet HTML 1Page - SICK AG IMF12-04BPONC0S Datasheet HTML 2Page - SICK AG IMF12-04BPONC0S Datasheet HTML 3Page - SICK AG IMF12-04BPONC0S Datasheet HTML 4Page - SICK AG IMF12-04BPONC0S Datasheet HTML 5Page - SICK AG IMF12-04BPONC0S Datasheet HTML 6Page - SICK AG IMF12-04BPONC0S Datasheet HTML 7Page - SICK AG IMF12-04BPONC0S Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMF12-04BPONC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: open cable ends
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-G02MRN
6058291
Head A: female connector, M12, 4-pin, straight
Head B: open cable ends
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-G05MRN
6058476
Head A: female connector, M12, 4-pin, angled with LED
Head B: open cable ends
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-L02MRN
6058482
Head A: female connector, M12, 4-pin, angled with LED
Head B: open cable ends
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-L05MRN
6058483
Head A: female connector, M12, 4-pin, angled
Head B: open cable ends
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-W02MRN
6058474
Head A: female connector, M12, 4-pin, angled
Head B: open cable ends
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-W05MRN
6058477
Head A: female connector, M12, 5-pin, straight
Head B: open cable ends
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1205-G02MRN
6058494
Head A: female connector, M12, 5-pin, straight
Head B: open cable ends
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1205-G05MRN
6058495
Head A: female connector, M12, 4-pin, angled
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-B02MRN
6058502
Head A: female connector, M12, 4-pin, angled
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-B05MRN
6058503
6
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-19 18:38:31
Subject to change without notice


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn