Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IMF12-04BPONC0S Datasheet(PDF) 2 Page - SICK AG

Part No. IMF12-04BPONC0S
Description  INDUCTIVE PROXIMITY SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

IMF12-04BPONC0S Datasheet(HTML) 2 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMF12-04BPONC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IMF12-04BPONC0S
1076670
Other models and accessories
www.sick.com/IMF
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M12
1
Diameter
Ø 12 mm
Sensing range Sn
4 mm
Safe sensing range Sa
3.24 mm
Installation type
Flush
Switching frequency
2,000 Hz
Connection type
Male connector M12, 4-pin 1)
Switching output
PNP
Output function
NC
Electrical wiring
DC 3-wire
Enclosure rating
IP68 2)
IP69K 3)
Special features
Suitable for use in the food industry, Resistant to cleaning agents
1) With gold plated contact pins.
2) According to EN 60529.
3) According to ISO 20653:2013-03.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 %
Voltage drop
≤ 2 V 1)
Current consumption
≤ 10 mA 2)
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
5) Reference voltage DC 50 V.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-19 18:38:31
Subject to change without notice


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn