Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMF08-04NPSNC0S Datasheet(PDF) 7 Page - SICK AG

Part # IMF08-04NPSNC0S
Description  INDUCTIVE PROXIMITY SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IMF08-04NPSNC0S Datasheet(HTML) 7 Page - SICK AG

  IMF08-04NPSNC0S Datasheet HTML 1Page - SICK AG IMF08-04NPSNC0S Datasheet HTML 2Page - SICK AG IMF08-04NPSNC0S Datasheet HTML 3Page - SICK AG IMF08-04NPSNC0S Datasheet HTML 4Page - SICK AG IMF08-04NPSNC0S Datasheet HTML 5Page - SICK AG IMF08-04NPSNC0S Datasheet HTML 6Page - SICK AG IMF08-04NPSNC0S Datasheet HTML 7Page - SICK AG IMF08-04NPSNC0S Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IMF08-04NPSNC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Brief description
Type
Part no.
Head A: female connector, M12, 4-pin, straight
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-G02MRN
6058499
Head A: female connector, M12, 4-pin, straight
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-G05MRN
6058500
2018-03-19 18:38:31 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
7


Similar Part No. - IMF08-04NPSNC0S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IMF08-04NPONC0S SICK-IMF08-04NPONC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IMF08-04NPPNC0S SICK-IMF08-04NPPNC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IMF08-04NPSNC0S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME12-02BPSZW5S SICK-IME12-02BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com