Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMF08-02BPPNC0S Datasheet(PDF) 3 Page - SICK AG

Part # IMF08-02BPPNC0S
Description  INDUCTIVE PROXIMITY SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IMF08-02BPPNC0S Datasheet(HTML) 3 Page - SICK AG

  IMF08-02BPPNC0S Datasheet HTML 1Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 2Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 3Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 4Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 5Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 6Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IMF08-02BPPNC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 %
Voltage drop
≤ 2 V 1)
Current consumption
≤ 10 mA 2)
Hysteresis
3 % ... 20 %
Reproducibility
≤ 2 % 3) 4)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA
Short-circuit protection
Reverse polarity protection
Power-up pulse protection
Shock and vibration resistance
100 g / 11 ms / 1000 cycles; 150 g / 1 Mio cycles; 10 Hz ... 55 Hz, 1 mm / 55 z ... 500 Hz /
15 g
Ambient operating temperature
–40 °C ... +100 °C
Housing material
Stainless steel, V4A (1.4404, AISI 316L)
Sensing face material
Plastic, LCP (FDA certified)
Housing length
50 mm
Thread length
38 mm
Tightening torque, max.
Typ. 14 Nm
UL File No.
E181493
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.74
Aluminum (Al)
Approx. 0.43
Copper (Cu)
Approx. 0.33
Brass (Br)
Approx. 0.46
Installation note
Remark
Associated graphic see "Installation"
B
6.5 mm
C
8 mm
D
6 mm
F
16 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
2018-03-19 18:38:31 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3


Similar Part No. - IMF08-02BPPNC0S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IMF08-02BPONC0S SICK-IMF08-02BPONC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IMF08-02BPSNC0S SICK-IMF08-02BPSNC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IMF08-02BPPNC0S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME12-02BPSZW5S SICK-IME12-02BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com