Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMF08-02BPPNC0S Datasheet(PDF) 2 Page - SICK AG

Part # IMF08-02BPPNC0S
Description  INDUCTIVE PROXIMITY SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IMF08-02BPPNC0S Datasheet(HTML) 2 Page - SICK AG

  IMF08-02BPPNC0S Datasheet HTML 1Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 2Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 3Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 4Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 5Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 6Page - SICK AG IMF08-02BPPNC0S Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMF08-02BPPNC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IMF08-02BPPNC0S
1076748
Other models and accessories
www.sick.com/IMF
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M8
1
Diameter
Ø 8 mm
Sensing range Sn
2 mm
Safe sensing range Sa
1.62 mm
Installation type
Flush
Switching frequency
4,000 Hz
Connection type
Male connector M12, 4-pin 1)
Switching output
PNP
Output function
Complementary
Electrical wiring
DC 4-wire
Enclosure rating
IP68 2)
IP69K 3)
Special features
Suitable for use in the food industry, Resistant to cleaning agentsCapable of communication
via IO-Link 1.0
1) With gold plated contact pins.
2) According to EN 60529.
3) According to ISO 20653:2013-03.
Communication interface
Communication interface
IO-Link V1.0
Mode
COM2 (38,4 kBaud)
Process data length
2 Byte
Process data structure
Bit 0 = Sr reached
Bit 1 = Sa reached
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-19 18:38:31
Subject to change without notice


Similar Part No. - IMF08-02BPPNC0S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IMF08-02BPONC0S SICK-IMF08-02BPONC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IMF08-02BPSNC0S SICK-IMF08-02BPSNC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IMF08-02BPPNC0S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME12-02BPSZW5S SICK-IME12-02BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com