Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

04-SLPE10000 Datasheet(PDF) 1 Page - OEN India Limited

Part No. 04-SLPE10000
Description  Split Loom
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OENINDIA [OEN India Limited]
Direct Link  http://www.oenindia.com
Logo OENINDIA - OEN India Limited

04-SLPE10000 Datasheet(HTML) 1 Page - OEN India Limited

  04-SLPE10000 Datasheet HTML 1Page - OEN India Limited 04-SLPE10000 Datasheet HTML 2Page - OEN India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13
NTE Electronics, Inc. D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
Split Loom
Features
· Designed to Hold and Protect Cables, Harnesses, and Hoses
· Quick and Easy to Install. Slit Automatically Closes after
Installation
· .013 Heavy Duty Wall Thickness Provides Greater Resistance
to Abrasions and Vibrations
· Polyethylene Construction
· Temperature Rating:
+85°C (+185°F) Continuous Rating for 3000 Hours
+115°C (+239°F) Short Term Rating for 168 Hours
SL−01
Black Split Loom
NTE Type No.
Feet per Roll
Inner Diameter (in. / mm)
Outer Diameter (in. / mm)
Wall Thickness (in. / mm) Diag No.
04−SLPE2500
100
.288 / 7.31
.390 / 9.90
.013 / .330
SL−01
04−SLPE2500−10
10
.288 / 7.31
.390 / 9.90
.013 / .330
SL−01
04−SLPE2500−5
5
.288 / 7.31
.390 / 9.90
.013 / .330
SL−01
04−SLPE2500A
25
.288 / 7.31
.390 / 9.90
.013 / .330
SL−01
04−SLPE3750
100
.415 / 10.54
.532 / 13.51
.013 / .330
SL−01
04−SLPE3750−10
10
.415 / 10.54
.532 / 13.51
.013 / .330
SL−01
04−SLPE3750−5
5
.415 / 10.54
.532 / 13.51
.013 / .330
SL−01
04−SLPE3750A
25
.415 / 10.54
.532 / 13.51
.013 / .330
SL−01
04−SLPE3750B
1800
.415 / 10.54
.532 / 13.51
.013 / .330
SL−01
04−SLPE5000
100
.511 / 12.97
.660 / 16.76
.013 / .330
SL−01
04−SLPE5000−10
10
.511 / 12.97
.660 / 16.76
.013 / .330
SL−01
04−SLPE5000−5
5
.511 / 12.97
.660 / 16.76
.013 / .330
SL−01
04−SLPE5000A
25
.511 / 12.97
.660 / 16.76
.013 / .330
SL−01
04−SLPE6250
100
.663 / 16.84
.806 / 20.47
.013 / .330
SL−01
04−SLPE6250−10
10
.663 / 16.84
.806 / 20.47
.013 / .330
SL−01
04−SLPE6250−5
5
.663 / 16.84
.806 / 20.47
.013 / .330
SL−01
04−SLPE6250A
25
.663 / 16.84
.806 / 20.47
.013 / .330
SL−01
04−SLPE6250B
900
.663 / 16.84
.806 / 20.47
.013 / .330
SL−01
04−SLPE7500
100
.790 / 20.06
.928 / 23.57
.013 / .330
SL−01
04−SLPE7500−5
5
.790 / 20.06
.928 / 23.57
.013 / .330
SL−01
04−SLPE7500−10
10
.790 / 20.06
.928 / 23.57
.013 / .330
SL−01
04−SLPE7500A
25
.790 / 20.06
.928 / 23.57
.013 / .330
SL−01
04−SLPE7500B
600
.790 / 20.06
.928 / 23.57
.013 / .330
SL−01
04−SLPE10000
100
.917 / 23.29
1.073 / 27.25
.013 / .330
SL−01
04−SLPE10000−5
5
.917 / 23.29
1.073 / 27.25
.013 / .330
SL−01
04−SLPE10000A
25
.917 / 23.29
1.073 / 27.25
.013 / .330
SL−01
04−SLPE12500−5
5
1.295 / 32.89
1.500 / 38.10
.013 / .330
SL−01
04−SLPE12500A
25
1.295 / 32.89
1.500 / 38.10
.013 / .330
SL−01
04−SLPE12500B
200
1.295 / 32.89
1.500 / 38.10
.013 / .330
SL−01
04−SLPE15000−5
5
1.468 / 37.21
1.734 / 44.04
.013 / .330
SL−01
04−SLPE15000A
25
1.468 / 37.21
1.734 / 44.04
.013 / .330
SL−01
04−SLPE15000
100
1.468 / 37.21
1.734 / 44.04
.013 / .330
SL−01


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn