Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4639 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4639
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4639 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4639 Datasheet HTML 7Page - Linear Technology LTM4639 Datasheet HTML 8Page - Linear Technology LTM4639 Datasheet HTML 9Page - Linear Technology LTM4639 Datasheet HTML 10Page - Linear Technology LTM4639 Datasheet HTML 11Page - Linear Technology LTM4639 Datasheet HTML 12Page - Linear Technology LTM4639 Datasheet HTML 13Page - Linear Technology LTM4639 Datasheet HTML 14Page - Linear Technology LTM4639 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTM4650A-1
11
4650a1f
For more information www.linear.com/LTM4650A-1
OPERATION
Power Module Description
The LTM4650A-1 is a dual-output standalone nonisolated
switching mode DC/DC power supply with ±1% total DC
output error over line, load and temperature variation. It
can provide two 25A outputs or single 50A output with
few external input and output capacitors and setup com-
ponents. This module provides precisely regulated output
voltagesprogrammableviaexternalresistorsfrom0.6VDC
to 5.5VDC over 4.5V to 16V input voltages. The typical
application schematic is shown in Figure 34.
The LTM4650A-1 has dual integrated constant-frequency
current mode regulators and built-in power MOSFET
devices with fast switching speed. The typical switching
frequency is 300kHz to 750kHz depending on different
input and output conditions. For switching-noise sensi-
tive applications, it can be externally synchronized from
250kHz to 780kHz. A resistor can be used to program a
free run frequency on the fSET pin. See the Applications
Information section.
With current mode control, multi LTM4650A-1s can
be easily paralleled to provide up to 300A current with
guaranteed perfect current sharing. Also, with current
mode control, the LTM4650A-1 module is able to achieve
sufficient stability margins and a very fast ±3% output
transient response with a minimum number of output
capacitors, even with all ceramic output capacitors. This
makes LTM4650A-1 the best candidate when powering
FPGAs, ASICs and processors in terms of DC accuracy,
AC transient response, high output current and accuracy
current sharing. See Applications Information section.
Current mode control provides cycle-by-cycle fast current
limitandfoldbackcurrentlimitinanovercurrentcondition.
Internal overvoltage and undervoltage comparators pull
the open-drain PGOOD outputs low if the output feedback
voltage exits a ±10% window around the regulation point.
As the output voltage exceeds 10% above regulation, the
bottom MOSFET will turn on to clamp the output voltage.
ThetopMOSFETwillbeturnedoff.Thisovervoltageprotect
is feedback voltage referred.
Pulling the RUN pins below 1.1V forces the regulators into
ashutdownstate,byturningoffbothMOSFETs.TheTRACK
pinsareusedforprogrammingtheoutputvoltagerampand
voltage tracking during start-up or used for soft-starting
the regulator. See the Applications Information section.
The LTM4650A-1 has a built-in 10pF high frequency filter
cap from COMP to SGND for each output. An external RC
filtering circuit is required to achieve fast Type II control
loop compensation. Table 6 provides a guide line for
input, output capacitances and R-C values on COMP pin
for several operating conditions. The Linear Technology
µModule Power Design Tool (LTpowerCAD®) will be pro-
vided for transient and stability analysis. The VFB pin is
used to program the output voltage with a single external
resistor to ground. A differential remote sense amplifier is
available for sensing the output voltage accurately on one
of the outputs at the load point, or in parallel operation
sensing the output voltage at the load point.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation or pulse-skipping opera-
tion using the MODE_PLLIN pin. These light load features
will accommodate battery operation. Efficiency graphs are
providedforlightloadoperationintheTypicalPerformance
Characteristics section. See the Applications Information
section for details.
A general purpose temperature diode is included inside
the module to monitor the temperature of the module. See
the Applications Information section for details.
The switch pins are available for functional operation
monitoring and a resistor-capacitor snubber circuit can
be careful placed on the switch pin to ground to dampen
any high frequency ringing on the transition edges. See
the Applications Information section for details.


Similar Part No. - LTM4639

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4639 LINER-LTM4639 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4639 LINER-LTM4639 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4639 LINER-LTM4639 Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
More results

Similar Description - LTM4639

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
   16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
logo
Linear Technology
LTM4650EY LINER-LTM4650EY Datasheet
1Mb / 8P
   Dual Phase Single 50A DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com