Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4636 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4636
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4636 Datasheet HTML 6Page - Linear Technology LTM4636 Datasheet HTML 7Page - Linear Technology LTM4636 Datasheet HTML 8Page - Linear Technology LTM4636 Datasheet HTML 9Page - Linear Technology LTM4636 Datasheet HTML 10Page - Linear Technology LTM4636 Datasheet HTML 11Page - Linear Technology LTM4636 Datasheet HTML 12Page - Linear Technology LTM4636 Datasheet HTML 13Page - Linear Technology LTM4636 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTM4650A
10
4650afb
For more information www.linear.com/LTM4650A
PIN FUNCTIONS
DIFFOUT (F8): Internal Remote Sense Amplifier Output.
Connect this pin to VOUTS1 or VOUTS2 depending on which
output is using remote sense. In parallel operation con-
nect one of the VOUTS pin to DIFFOUT for remote sensing.
SW1, SW2 (G2, G11): Switching node of each channel
that is used for testing purposes. Also an R-C snubber
network can be applied to reduce or eliminate switch node
ringing, or otherwise leave floating. See the Applications
Information section.
PHASMD(G4):ConnectthispintoSGND,INTVCC,orfloat-
ing this pin to select the phase of CLKOUT to 60 degrees,
120 degrees, and 90 degrees respectively.
CLKOUT (G5): Clock output with phase control using the
PHASMD pin to enable multiphase operation between
devices. See the Applications Information section.
PGOOD1, PGOOD2 (G9, G8): Output Voltage Power
Good Indicator. Open drain logic output that is pulled to
ground when the output voltage is not within ±10% of
the regulation point.
INTVCC (H8): Internal 5V Regulator Output. The control
circuits and internal gate drivers are powered from this
voltage. Decouple this pin to PGND with a 4.7µF low ESR
tantalumorceramic.INTVCCisactivatedwheneitherRUN1
or RUN2 is activated.
TEMP (J6): Temperature Monitor. An internal diode con-
nectedNPNtransistorconnectedbetweenTEMPandSGND
pins. See the Applications Information section.
EXTVCC (J7): External power input that is enabled through
a switch to INTVCCwhenever EXTVCC is greater than 4.7V.
Do not exceed 6V on this input, and connect this pin to
VIN when operating VIN on 5V. An efficiency increase will
occur that is a function of the (VIN – INTVCC) multiplied by
powerMOSFETdrivercurrent.Typicalcurrentrequirement
is 30mA. VIN must be applied before EXTVCC, and EXTVCC
must be removed before VIN.
VIN(M2–M11,L2–L11,J2–J4,J9–J11,K2–K4,K9–K11):
Power Input Pins. Apply input voltage between these pins
and GND pins. Recommend placing input decoupling
capacitance directly between VIN pins and GND pins.
Heat Sink (Top Exposed Metal): The top exposed metal
is electrically unconnected.
(Recommended to Use Test Points to Monitor Signal Pin Connections.)


Similar Part No. - LTM4636

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM4636 LINER-LTM4636 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
More results

Similar Description - LTM4636

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
   16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
logo
Linear Technology
LTM4650EY LINER-LTM4650EY Datasheet
1Mb / 8P
   Dual Phase Single 50A DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com