Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4650 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4650
Description  30A DC/DC Step-Down 關Module Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4650 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4650 Datasheet HTML 7Page - Linear Technology LTM4650 Datasheet HTML 8Page - Linear Technology LTM4650 Datasheet HTML 9Page - Linear Technology LTM4650 Datasheet HTML 10Page - Linear Technology LTM4650 Datasheet HTML 11Page - Linear Technology LTM4650 Datasheet HTML 12Page - Linear Technology LTM4650 Datasheet HTML 13Page - Linear Technology LTM4650 Datasheet HTML 14Page - Linear Technology LTM4650 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTM4647
11
4647fb
For more information www.linear.com/LTM4647
APPLICATIONS INFORMATION
22pF to 47pF feedforward capacitor (CFF) is necessary for
all ceramic output application to achieve enough phase
margin.Thetypicaloutputcapacitancerangeisfrom400µF
to 600µF. Additional output filtering may be required by
the system designer if further reduction of output ripple
or dynamic transient spikes is required. Table 5 shows a
matrixofdifferentoutputvoltagesandoutputcapacitorsto
minimize the voltage droop and overshoot during a 7.5A/
µs transient (at 10A/µs slew rate). The table optimizes total
equivalent ESR and total output capacitance to optimize
the transient performance. Multiphase operation will re-
duce effective output ripple as a function of the number
of phases. Application Note 77 discusses this reduction
versus output ripple current cancellation. But the output
capacitance should be considered carefully as a function
of stability and transient response. The Linear Technology
LTpowerCAD Design Tool can calculate the output ripple
reductionasthenumberofimplementedphase’sincreases
by N times and provide stability analysis.
Burst Mode Operation
The LTM4647 is capable of Burst Mode operation in which
the power MOSFETs operate intermittently based on load
demand, thus saving quiescent current. For applications
where maximizing the efficiency at very light loads is a
high priority, Burst Mode operation should be applied. To
enableBurstModeoperation,simplyfloattheMODE_PLLIN
pin. During Burst Mode operation, the peak current of the
inductor is set to approximately one-third of the maximum
peak current value in normal operation even though the
voltage at the COMPa pin indicates a lower value. The
voltage at the COMPa pin drops when the inductor’s aver-
age current is greater than the load requirement. As the
COMPa voltage drops below 0.5V, the burst comparator
trips, causing the internal sleep line to go high and turn
off both power MOSFETs.
In sleep mode, the internal circuitry is partially turned
off, reducing the quiescent current. The load current is
now being supplied from the output capacitors. When the
output voltage drops, causing COMPa to rise, the internal
sleep line goes low, and the LTM4647 resumes normal
operation. The next oscillator cycle will turn on the top
power MOSFET and the switching cycle repeats.
Pulse-Skipping Mode Operation
In applications where low output ripple and high efficiency
at intermediate currents are desired, pulse-skipping
mode should be used. Pulse-skipping operation allows
the LTM4647 to skip cycles at low output loads, thus
increasing efficiency by reducing switching loss. Tying
the MODE_PLLIN pin to INTVCC enables pulse-skipping
operation. With pulse-skipping mode at light load, the
internalcurrentcomparatormayremaintrippedforseveral
cycles, thus skipping operation cycles. This mode has
lower ripple than Burst Mode operation and maintains a
higher frequency operation than Burst Mode operation.
Forced Continuous Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the lowest
output ripple is desired, forced continuous operation
should be used. Forced continuous operation can be
enabled by tying the MODE_PLLIN pin to GND. In this
mode, inductor current is allowed to reverse during low
outputloads,theCOMPavoltageisincontrolofthecurrent
comparator threshold throughout, and the top MOSFET
alwaysturnsonwitheachoscillatorpulse.Duringstart-up,
forced continuous mode is disabled and inductor current
is prevented from reversing until the LTM4647’s output
voltage is in regulation.
Frequency Selection
TheLTM4647deviceisoperatedoverarangeoffrequencies
toimprovepowerconversionefficiency.Itisrecommended
to operate the lower output voltages or lower duty cycle
conversions at lower frequencies to improve efficiency by
lowering power MOSFET switching losses. Higher output
voltages or higher duty cycle conversions can be operated
at higher frequencies to limit inductor ripple current. The
efficiencygraphswillshowanoperatingfrequencychosen
for that condition. See Table 1 for optimized frequency for
various output voltages.
The LTM4647 switching frequency can be set with an
external resistor from the fSET pin to SGND. An accurate
20µA current source into the resistor will set a voltage
that programs the frequency or a DC voltage can be
applied.Figure2showsagraphoffrequencysettingverses
programming voltage.


Similar Part No. - LTM4650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650 LINER-LTM4650 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4650 LINER-LTM4650 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
More results

Similar Description - LTM4650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
   20VIN, 8A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
   20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
   Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
   20A DC/DC Module Step-Down Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com