Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4630 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4630
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 1 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTM4650-1
1
46501fc
For more information www.linear.com/LTM4650-1
Typical applicaTion
DescripTion
Dual 25A or Single 50A
µModule Regulator with 0.8% DC
and 3% Transient Accuracy
The LTM®4650-1A/LTM4650-1B is dual 25A or single 50A
output step-down µModule® (power module) regulator
with ±0.8% (LTM4650-1A) and ±1.5% (LTM4650-1B)
total DC output error with ±3% transient output error.
Included in the package are the switching controller,
power FETs, inductors, and all supporting components.
External compensation allows for fast transient response
to minimize output capacitance when powering FPGAs,
ASICs, and processors. With synchronized multiphase
parallel current sharing, six LTM4650-1 devices can de-
liver up to 300A. The LTM4650-1 is offered in a 16mm ×
16mm × 5.01 BGA package, with SnPb (BGA) or RoHS
compliant terminal finish.
FeaTures
applicaTions
n
±0.8% Maximum Total DC Output Error Over Line
and Load (LTM4650-1A)
n
±3% Transient Output Error with Minimum
Output Capacitance
n
Dual 25A or Single 50A Output
n
4.5V to 15V Input, 0.6V to 1.8V Output Voltage Range
n
Differential Remote Sense Amplifier
n
Current Mode Control/Fast Transient Response
n
Current Sharing Up to 300A
n
16mm × 16mm × 5.01mm BGA Package
n
FPGA, ASIC, µProcessor Core Voltage Regulation
n
Information, Communication Systems
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule, Burst Mode, LTpowerCAD and
PolyPhase are registered trademarks of Linear Technology Corporation. All other trademarks are
the property of their respective owners. Protected by U.S. Patents, including 5481178, 5705919,
5929620, 6100678, 6144194, 6177787, 6304066 and 6580258. Other patents pending.
50A, 1.0V Output DC/DC µModule Regulator
1.0V Output Efficiency, fSW = 500kHz
25% Load Step Transient Response, ±3% Output Regulation Window. 12VIN, 1.0VOUT, 50A with 6x 220μF Ceramic Cap
*
46501 TA01a
LTM4650-1
VIN
220µF
CERAMIC
4V
×6
68pF
VOUT1
VFB1
VFB2
VOUTS2
COMP2
VOUT2
1.0V
50A
MODE_PLLIN
SGND
PHASMD
GND
COMP1
VOUT2
DIFFP
DIFFN
DIFFOUT
90.9k
121k
VIN
4.5V TO
15V
120k
0.1µF
22µF
25V
×4
4.7µF
TEMP
RUN1
RUN2
TRACK1
TRACK2
INTVCC
PGOOD1
PGOOD2
fSET
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT
EXTVCC
SW1
SW2
VOUTS1
10k
10nF
3.24k
LOAD CURRENT (A)
0
10
20
30
40
50
65
70
75
80
85
90
95
46501 TA01b
VIN = 5V
VIN = 12V
VOUT
20mV/DIV
AC-COUPLED
LOAD STEP
10A/DIV
50µs/DIV
46501 TA01c
54mV
12.5A STEP
*SEE DEMO CIRCUIT DC2479A-B


Similar Part No. - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTM4630 LINER-LTM4630 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
logo
Analog Devices
LTM4630 AD-LTM4630 Datasheet
2Mb / 36P
   Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
Rev. 0
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
More results

Similar Description - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4630-1 LINER-LTM4630-1_15 Datasheet
1Mb / 36P
   Dual 18A or Single 36A Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4630EY-1 LINER-LTM4630EY-1 Datasheet
883Kb / 8P
   Dual 18A or Single 36A 關Module Regulator with 짹0.8% DC and 짹3% Transient Accuracy
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
   16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
logo
Linear Technology
LTM4650EY LINER-LTM4650EY Datasheet
1Mb / 8P
   Dual Phase Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com