Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4132 Datasheet(PDF) 15 Page - Asahi Kasei Microsystems

Part # AK4132
Description  96kHz 24bit Sample Rate Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4132 Datasheet(HTML) 15 Page - Asahi Kasei Microsystems

Back Button AK4132 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 19Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
[AK4132]
015015036-E-03
2018/05
- 15 -
ILRCK
IBICK(128fs)
SDTI
0
1
2
23
24
25
32
33
63
0
1
2
23
24
25
32
33
63
0
23
1
22
23 22
1
0
1
23
1 0
IBICK(64fs)
SDTI
0
1
2
12
13
14
24
25
4
31
0
1
2
12
13
14
24
25
31
0
23
1
22
0
23 22
20
19 18
0
23
12 11 10
23: MSB, 0:LSB
Lch Data
Rch Data
Figure 11. Mode0 Timing (24-bit MSB)
LRCK
BICK(128fs)
SDTI
0
1
2
23
24
25
32
33
63
0
1
2
23
24
25
32
33
63
0
1
23
23
2
1
0
2
1
0
BICK(64fs)
SDTI
0
1
2
12
13
14
24
25
31
0
1
2
12
13
14
24
25
31
0
1
23
0
23
12
11 10
0
12 11 10
15: MSB, 0:LSB
Lch Data
Rch Data
BICK(32fs)
SDTI
0
1
2
5
6
7
11
12
15
0
1
2
5
6
7
11
12
15
0
1
15
0
12 11 10
6
5
2
1
15
12 11 10
6
5
2
1
0
0
Figure 12. Mode1 Timing (24-bit/16-bit I
2S)


Similar Part No. - AK4132

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
More results

Similar Description - AK4132

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com