Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4650 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4650
Description  Dual 25A or Single 50A DC/DC 關Module Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4650 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4650 Datasheet HTML 6Page - Linear Technology LTM4650 Datasheet HTML 7Page - Linear Technology LTM4650 Datasheet HTML 8Page - Linear Technology LTM4650 Datasheet HTML 9Page - Linear Technology LTM4650 Datasheet HTML 10Page - Linear Technology LTM4650 Datasheet HTML 11Page - Linear Technology LTM4650 Datasheet HTML 12Page - Linear Technology LTM4650 Datasheet HTML 13Page - Linear Technology LTM4650 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTM4650
10
4650fb
For more information www.linear.com/LTM4650
SIMPLIFIED BLOCK DIAGRAM
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN1, CIN2
External Input Capacitor Requirement
(VIN1 = 4.5V to 15V, VOUT1 = 1.5V)
(VIN2 = 4.5V to 15V, VOUT2 = 1.0V)
IOUT1 = 25A
IOUT2 = 25A
44
44
66
66
µF
µF
COUT1
COUT2
External Output Capacitor Requirement
(VIN1 = 4.5V to 15V, VOUT1 = 1.5V)
(VIN2 = 4.5V to 15V, VOUT2 = 1.0V)
IOUT1 = 25A
IOUT2 = 25A
600
600
800
800
µF
µF
TA = 25°C. Use Figure 1 configuration.
Figure 1. Simplified LTM4650 Block Diagram
4650 F01
TEMP
CLKOUT
RUN1
MODE_PLLIN
PHASEMD
TRACK1
= 100µA
OR TEMP
MONITORS
4.7µF
0.22µF
SS CAP
1F
CIN1
22µF
25V
×3
VIN
VIN
RFB2
60.4k
MTOP1
MBOT1
POWER
CONTROL
0.22µF
0.12µH
60.4k
COUT1
RFB1
40.2k
+
VOUT1
1.5V
25A
VOUT2
1.2V
25A
VFB1
GND
GND
VIN
4.5V TO 15V
GND
GND
SW2
SW1
PGOOD2
PGOOD1
INTERNAL
COMP
INTERNAL
COMP
INTERNAL
FILTER
1F
CIN2
22µF
25V
×3
MTOP2
MBOT2
0.22µF
0.12µH
COUT2
+
+ –
60.4k
VOUT1
VOUT2
VFB2
VOUTS2
VOUTS1
RFSET
VIN
RT
VIN
RT
SS CAP
DIFFOUT
DIFFN
DIFFP
COMP1
SGND
TRACK2
INTVCC
EXTVCC
RUN2
COMP2
fSET
SGND


Similar Part No. - LTM4650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650 LINER-LTM4650 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4650 LINER-LTM4650 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
More results

Similar Description - LTM4650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
   16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
logo
Linear Technology
LTM4650EY LINER-LTM4650EY Datasheet
1Mb / 8P
   Dual Phase Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com