Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4646 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4646
Description  Dual 10A or Single 20A 關Module Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4646 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4646 Datasheet HTML 2Page - Linear Technology LTM4646 Datasheet HTML 3Page - Linear Technology LTM4646 Datasheet HTML 4Page - Linear Technology LTM4646 Datasheet HTML 5Page - Linear Technology LTM4646 Datasheet HTML 6Page - Linear Technology LTM4646 Datasheet HTML 7Page - Linear Technology LTM4646 Datasheet HTML 8Page - Linear Technology LTM4646 Datasheet HTML 9Page - Linear Technology LTM4646 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTM4646
6
4646f
For more information www.linear.com/LTM4646
TYPICAL PERFORMANCE CHARACTERISTICS
0.9V Single Phase Single Output
Load Transient Response
1V Single Phase Single Output
Load Transient Response
1.2V Single Phase Single Output
Load Transient Response
1.5V Single Phase Single Output
Load Transient Response
1.8V Single Phase Single Output
Load Transient Response
Efficiency vs Output Current,
VIN = 5V
Efficiency vs Output Current,
VIN = 8V
Dual Phase Single Output Efficiency
vs Output Current, VIN = 12V
Efficiency vs Output Current,
VIN = 12V
5.0VOUT, 1.3MHz
3.3VOUT, 1.1MHz
2.5VOUT, 850kHz
1.8VOUT, 700kHz
1.5VOUT, 600kHz
1.2VOUT, 500kHz
1.0VOUT, 400kHz
0.9VOUT, 400kHz
OUTPUT CURRENT (A)
2
4
6
8
10 12 14 16 18 20
70
75
80
85
90
95
100
4646 G04
EXTVCC = 5V
50µs/DIV
IOUT
5A/DIV
0.9VOUT
33mV/DIV
4646 G05
COUT = 470µF POSCAP, 5mΩ,
100µF ×4, CERAMIC
CCOMP = 100pF,
f = 350kHz
50µs/DIV
IOUT
5A/DIV
1VOUT
33mV/DIV
4646 G06
COUT = 470µF POSCAP, 5mΩ,
100µF ×4, CERAMIC
CCOMP = 100pF,
f = 350kHz
50µs/DIV
IOUT
5A/DIV
1.2VOUT
33mV/DIV
4646 G07
COUT = 470µF POSCAP, 5mΩ,
100µF ×4, CERAMIC
CCOMP = 100pF,
f = 350kHz
50µs/DIV
IOUT
5A/DIV
1.8VOUT
33mV/DIV
4646 G09
COUT = 100µF ×3, CERAMIC
CCOMP = 100pF, CFF = 47pF
f = 500kHz
50µs/DIV
IOUT
5A/DIV
1.5VOUT
33mV/DIV
4646 G08
COUT = 100µF ×3, CERAMIC
CCOMP = 100pF, CFF = 47pF
f = 450kHz
50µs/DIV
IOUT
5A/DIV
1.5VOUT
33mV/DIV
4646 G08
COUT = 100µF ×3, CERAMIC
CCOMP = 100pF, CFF = 47pF
f = 450kHz
OUTPUT CURRENT (A)
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
100
4646 G01
3.3VOUT, 550kHz
2.5VOUT, 550kHz
1.8VOUT, 500kHz
1.5VOUT, 450kHz
1.2VOUT, 400kHz
1.0VOUT, 350kHz
0.9VOUT, 350kHz
5.0VOUT, 900kHz
3.3VOUT, 850kHz
2.5VOUT, 750kHz
1.8VOUT, 600kHz
1.5VOUT, 550kHz
1.2VOUT, 475kHz
1.0VOUT, 400kHz
0.9VOUT, 400kHz
OUTPUT CURRENT (A)
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
100
4646 G02
5.0VOUT, 1.3MHz
3.3VOUT, 1.1MHz
2.5VOUT, 850kHz
1.8VOUT, 700kHz
1.5VOUT, 600kHz
1.2VOUT, 500kHz
1.0VOUT, 400kHz
0.9VOUT, 400kHz
OUTPUT CURRENT (A)
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
100
4646 G03


Similar Part No. - LTM4646

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4646 AD-LTM4646 Datasheet
1Mb / 28P
   20VIN, 8A Step-Down DC/DC 關Module Regulator
LTM4646 AD-LTM4646 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4646 AD-LTM4646 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
LTM4646 AD-LTM4646 Datasheet
2Mb / 30P
   20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results

Similar Description - LTM4646

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
   Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
   Dual 18A or Single 36A 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4630EV LINER-LTM4630EV Datasheet
803Kb / 8P
   High Efficiency Dual 18A or Single 36A 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
   Dual 15A or Single 30A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com