Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4624 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4624
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4624 Datasheet HTML 4Page - Linear Technology LTM4624 Datasheet HTML 5Page - Linear Technology LTM4624 Datasheet HTML 6Page - Linear Technology LTM4624 Datasheet HTML 7Page - Linear Technology LTM4624 Datasheet HTML 8Page - Linear Technology LTM4624 Datasheet HTML 9Page - Linear Technology LTM4624 Datasheet HTML 10Page - Linear Technology LTM4624 Datasheet HTML 11Page - Linear Technology LTM4624 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTM4644/LTM4644-1
8
4644fe
For more information www.linear.com/LTM4644
BLOCK DIAGRAM
4644 BD
POWER CONTROL
CLKOUT
FB1
CLKIN
MODE1
TRACK/SS1
RUN1
COMP1
INTVCC1
INTERNAL
FILTER
INTERNAL
COMP
VOUT1
1µF
0.22µF
1µH
100k
100k
100k
100k
10µF
47µF
FREQ1
162k
60.4k
(*LTM4644 ONLY)
60.4k
(*LTM4644 ONLY)
60.4k
(*LTM4644 ONLY)
60.4k
(*LTM4644 ONLY)
60.4k
0.1µF
VIN
4V TO 14V
VOUT1
1.2V
4A
INTVCC1
PGOOD1
SVIN1
VIN1
VOUT1
GND
SGND
GND
POWER CONTROL
FB2
MODE2
TRACK/SS2
RUN2
COMP2
INTVCC2
INTERNAL
FILTER
INTERNAL
COMP
VOUT2
1µF
0.22µF
1µH
10µF
47µF
FREQ2
162k
40.2k
0.1µF
VIN
VOUT2
1.5V
4A
INTVCC2
PGOOD2
SVIN2
VIN2
VOUT2
GND
POWER CONTROL
FB3
MODE3
TRACK/SS3
RUN3
COMP3
INTVCC3
INTERNAL
FILTER
INTERNAL
COMP
VOUT3
1µF
0.22µF
1µH
10µF
47µF
FREQ3
162k
30.1k
0.1µF
VIN
VOUT3
1.8V
4A
INTVCC3
PGOOD3
SVIN3
VIN3
VOUT3
GND
POWER CONTROL
FB4
MODE4
TRACK/SS4
RUN4
COMP4
INTVCC4
INTERNAL
FILTER
INTERNAL
COMP
VOUT4
1µF
0.22µF
1µH
10µF
47µF
1µF
FREQ4
162k
90.9k
0.1µF
VIN
VOUT4
1V
4A
INTVCC4
PGOOD4
SVIN4
VIN4
VOUT4
GND
TEMP
CLKOUT
*LTM4644-1 DOES NOT INCLUDE 60.4k RESISTOR
CLKOUT
CLKIN
CLKOUT
CLKIN
CLKOUT
CLKIN
1µF
1µF
1µF


Similar Part No. - LTM4624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
   Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
   Quad DC/DC 關Module Regulator with Configurable 3A Output Array
logo
Analog Devices
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
   Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
   Quad 4A Output Step-Down 關Module Regulator
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
   16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com