Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4616 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4616
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 4 Page - Linear Technology

  LTM4616 Datasheet HTML 1Page - Linear Technology LTM4616 Datasheet HTML 2Page - Linear Technology LTM4616 Datasheet HTML 3Page - Linear Technology LTM4616 Datasheet HTML 4Page - Linear Technology LTM4616 Datasheet HTML 5Page - Linear Technology LTM4616 Datasheet HTML 6Page - Linear Technology LTM4616 Datasheet HTML 7Page - Linear Technology LTM4616 Datasheet HTML 8Page - Linear Technology LTM4616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM4639
4
4639f
For more information www.linear.com/LTM4639
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 3.3V, CPWR = 5V, per the typical application in
Figure 22.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AV
Differential Gain
(Note 7)
1
V/V
SR
Slew Rate
(Note 6)
2
V/µs
GBP
Gain Bandwidth Product
(Note 6)
3
MHz
CMRR
Common Mode Rejection
(Note 7)
60
dB
IDIFF_OUT
DIFF_OUT Current
Sourcing
2
mA
PSRR
Power Supply Rejection
Ratio
5V < VIN < 7V (Note 7)
CPWR Tracking VIN
100
dB
RIN
Input Resistance
VOSNS+ to GND
80
PGOOD Output
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–10
10
%
%
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
INTVCC Linear Regulator
VINTVCC Source Output
5V < VIN < 7V, CPWR Tracking VIN
4.8
5
5.2
V
VLDOINT
INTVCC Load Regulation
ICC = 0 to 40mA, CPWR = 5.5V
2
%
VEXTVCC
External VCC Switchover
EXTVCC Ramping Positive, CPWR = 5.5V, INTVCC Output 5V l
4.5
4.7
V
VLDOEXT
EXTVCC Voltage Drop
ICC = 25mA, VEXTVCC = 5V, CPWR = 5.5V
75
220
mV
Oscillator and Phase-Locked Loop
fSYNC
Frequency Sync Capture
Range
MODE_PLLIN Clock Duty Cycle = 50%
250
800
kHz
fNOM
Nominal Frequency
VfSET = 1.2V
450
500
550
kHz
fLOW
Lowest Frequency
VfSET = 0V
210
250
290
kHz
fHIGH
Highest Frequency
VfSET ≥ 2.4V
700
770
850
kHz
IFREQ
Frequency Set Current
9
10
11
µA
RMODE_PLLIN
MODE_PLLIN Input
Resistance
250
VIH_MODE_PLLIN
Clock Input Level High
2.0
V
VIL_MODE_PLLIN
Clock Input Level Low
0.8
V
Temperature Diode
VTEMP
TEMP Diode Voltage
ITEMP = 100µA
0.6
V
TC VTEMP
Temperature Coefficient
l
–2
mV/°C
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4639 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4639E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4639I is guaranteed to meet specifications over the
full –40°C to 125°C internal operating temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: The minimum on-time condition is specified for a peak-to-peak
inductor ripple current of ~40% of IMAX Load. (See the Applications
Information section)
Note 4: See output current derating curves for different VIN, VOUT and TA.
Note 5: Limit current into the RUN pin to less than 2mA.
Note 6: Guaranteed by design.
Note 7: 100% tested at wafer level.


Similar Part No. - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
308Kb / 24P
   Dual 8A per Channel Low VIN DC/DC 關Module
LTM4616 LINER-LTM4616 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4616 LINER-LTM4616 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4616 LINEAR_DIMENSIONS-LTM4616 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC Module Step-Down Regulator
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
   20A DC/DC Module Step-Down Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
   Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
   20VIN, 8A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com