Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4614 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4614
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4614 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4614 Datasheet HTML 2Page - Linear Technology LTM4614 Datasheet HTML 3Page - Linear Technology LTM4614 Datasheet HTML 4Page - Linear Technology LTM4614 Datasheet HTML 5Page - Linear Technology LTM4614 Datasheet HTML 6Page - Linear Technology LTM4614 Datasheet HTML 7Page - Linear Technology LTM4614 Datasheet HTML 8Page - Linear Technology LTM4614 Datasheet HTML 9Page - Linear Technology LTM4614 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTM4642
6
4642fb
For more information www.linear.com/LTM4642
Typical perForMance characTerisTics
12VIN to 2.5VOUT Transient
Response
5VIN to 3.3VOUT Transient
Response
12VIN to 3.3VOUT Transient
Response
6VIN to 5VOUT Transient Response
12VIN to 5VOUT Transient
Response
Clock Synchronization
12VIN to 1.5VOUT Transient
Response
3.3VIN to 2.5VOUT Transient
Response
5VIN to 2.5VOUT Transient
Response
COUT = 120µF 22m ESR OSCON SVP,
47µF CERAMIC
CFF = 470pF
fSW = 800kHz
4642 G10
ISTEP =
2A/µs
2A/DIV
1.5VOUT
50mV/DIV
20µs/DIV
IN
OUT
COUT = 47µF CERAMIC
CFF = 68pF
fSW = 600kHz
4642 G11
ISTEP = 2A/µs
2A/DIV
2.5VOUT
100mV/DIV
20µs/DIV
IN
OUT
COUT = 47µF CERAMIC
CFF = 68pF
fSW = 800kHz
4642 G12
ISTEP = 2A/µs
2A/DIV
2.5VOUT
100mV/DIV
20µs/DIV
IN
OUT
COUT = 47µF CERAMIC
CFF = 68pF
fSW = 1MHz
4642 G13
ISTEP =
2A/µs
2A/DIV
2.5VOUT
100mV/DIV
20µs/DIV
IN
OUT
COUT = 47µF CERAMIC
CFF = 68pF
fSW = 800kHz
4642 G14
ISTEP = 2A/µs
2A/DIV
3.3VOUT
100mV/DIV
20µs/DIV
IN
OUT
4642 G15
ISTEP = 2A/µs
2A/DIV
COUT = 47µF CERAMIC
CFF = 68pF
fSW = 1MHz
3.3VOUT
100mV/DIV
20µs/DIV
IN
OUT
INPUT CAPACITOR 680µF 10V,
LOW IMPEDANCE INPUT CAN USE MUCH LESS
COUT = 47µF CERAMIC
CFF = 68pF
fSW = 600kHz
4642 G16
ISTEP =
2A/µs
2A/DIV
5VOUT
100mV/DIV
20µs/DIV
IN
OUT
COUT = 47µF CERAMIC
CFF = 68pF
fSW = 1.2MHz
4642 G17
ISTEP = 2A/µs
2A/DIV
5VOUT
100mV/DIV
20µs/DIV
IN
OUT
4642 G18
EXTCLK
5V/DIV
VSW1
10V/DIV
VSW2
10V/DIV
1µs/DIV
(Refer to Figures 19 and 20) TA = 25°C, unless otherwise noted.


Similar Part No. - LTM4614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
   Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4614 LINER-LTM4614 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4614 LINEAR_DIMENSIONS-LTM4614 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4614 LINER-LTM4614 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4614 LINER-LTM4614 Datasheet
377Kb / 20P
   Dual 4A per Channel Low VIN DC/DC Module Regulator
More results

Similar Description - LTM4614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
   20VIN, 8A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4628 LINER-LTM4628_15 Datasheet
1Mb / 36P
   Dual 8A or Single 16A DC/DC Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
   20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com