Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4630 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4630
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology LTM4630 Datasheet HTML 10Page - Linear Technology LTM4630 Datasheet HTML 11Page - Linear Technology LTM4630 Datasheet HTML 12Page - Linear Technology LTM4630 Datasheet HTML 13Page - Linear Technology LTM4630 Datasheet HTML 14Page - Linear Technology LTM4630 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM4632
11
4632fc
For more information www.linear.com/LTM4632
APPLICATIONS INFORMATION
Force Continuous Current Mode (CCM) Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the low-
est output ripple is desired, forced continuous opera-
tion should be used. Forced continuous operation can
be enabled by tying the SYNC/MODE pin to GND. In this
mode, inductor current is allowed to reverse during low
output loads, the COMP voltage is in control of the current
comparator threshold throughout, and the top MOSFET
always turns on with each oscillator pulse. During start-
up, forced continuous mode is disabled and inductor
current is prevented from reversing until the LTM4632’s
output voltage is in regulation.
Operating Frequency
The operating frequency of the LTM4632 is optimized to
achieve the compact package size and the minimum output
ripple voltage while still keeping high efficiency. The default
operating frequency is internally set to 1MHz. In most appli-
cations, no additional frequency adjusting is required.
Frequency Synchronization
The power module has a phase-locked loop comprised
of an internal voltage controlled oscillator and a phase
detector. This allows the internal top MOSFET turn-on to
be locked to the rising edge of the external clock. The
external clock frequency range must be within ±30%
around the set operating frequency. A pulse detection
circuit is used to detect a clock on the SYNC/MODE pin
to turn on the phase locked loop. The pulse width of the
clock has to be at least 100ns. The clock high level must
be above 2V and clock low level below 0.3V. The presence
of an external clock will place both regulator channels into
forced continuous mode operation. During the start-up of
the regulator, the phase-locked loop function is disabled.
Multiphase Operation (Configured as Multiphase
Single Output VTT)
For VTT termination output loads that demand more than
3A of current, two outputs in the LTM4632 or even mul-
tiple LTM4632s can be paralleled to run out of phase to
provide a multiphase single output VTT termination supply
capable of souring and sinking higher current.
33.2k
3.3
INTVCC
V+
PH
MOD
VOUT1
VOUT2
OUT1
90°
270°
4632 F02
180°
VTT
12A
90°
OUT2
SET
SYNC/
MODE
VOUT1
VOUT2
SYNC/
MODE
DIV
GND
LTC6902
LTM4632
LTM4632
Figure 2. Example of Clock Phasing for 4-Phase
Single Output VTT Operation with LTC6902
The two switching mode regulator channels inside the
LTM4632 are internally set to operate 180° out of phase.
Multiple LTM4632s could easily operate 90 degrees,
60 degrees or 45 degrees shift which corresponds to
4-phase, 6-phase or 8-phase operation by letting SYNC/
MODE of the LTM4632 synchronize to an external multi-
phase oscillator like LTC6902. Figure 2 shows a 4-phase
single output VTT termination supply design example for
clock phasing.
Tie FB1 pin of the LTM4632 to its INTVCC pin to put the
module into two phase single VTT output operation mode.
This will internally switch the Channel 1 error amplifier
reference voltage from 0.6V to VTTR voltage, which is the
same as Channel 2. Repeat this for each LTM4632 module
in multiple LTM4632s paralleling application.
Also tie RUN, TRACK/SS and COMP pin of each paral-
leling channel together. Figure 20 shows an example of
paralleled multiphase single output VTT termination sup-
ply operation and pin connection.
The LTM4632 device is an inherently current mode con-
trolled device, so parallel modules will have very good cur-
rent sharing. This will balance the thermals on the design.
Multiphase Operation (Configured as VDDQ+VTT)
For application which both VDDQ and VTT termination
output loads demand more than 3A of current, two or
multiple Channel 1 outputs from different LTM4632 mod-
ules can be easily paralleled to provide a multiphase sin-
gle VDDQ output while Channel 2 outputs from different
LTM4632 modules can paralleled to provide a multiphase
single VTT output.


Similar Part No. - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTM4630 LINER-LTM4630 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
logo
Analog Devices
LTM4630 AD-LTM4630 Datasheet
2Mb / 36P
   Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
Rev. 0
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
More results

Similar Description - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4632EV LINER-LTM4632EV Datasheet
515Kb / 8P
   Ultrathin 關Module Regulator for DDR-QDR4 Memory VDDQ, VTT and VREF
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
   Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4622EV LINER-LTM4622EV Datasheet
691Kb / 6P
   Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
LTM4622 LINER-LTM4622_15 Datasheet
774Kb / 26P
   Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
   Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
   Quad 4A Output Step-Down 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
   Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com