Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4624 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4624
Description  Triple 10A Step-DownDC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4624 Datasheet HTML 6Page - Linear Technology LTM4624 Datasheet HTML 7Page - Linear Technology LTM4624 Datasheet HTML 8Page - Linear Technology LTM4624 Datasheet HTML 9Page - Linear Technology LTM4624 Datasheet HTML 10Page - Linear Technology LTM4624 Datasheet HTML 11Page - Linear Technology LTM4624 Datasheet HTML 12Page - Linear Technology LTM4624 Datasheet HTML 13Page - Linear Technology LTM4624 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTM4633
10
4633f
For more information www.linear.com/LTM4633
operaTion
Power Module Description
The LTM4633 µModule regulator is a high performance
triple output nonisolated switching mode DC/DC power
supply. It can provide 10A per output with a few exter-
nal input and output capacitors. This module provides
precisely regulated output voltages programmable via
external resistors from 0.8V DC to 1.8V DC (VOUT1 and
VOUT2), and 0.8V DC to 5.5V DC (VOUT3) over a 2.375V
to 16V input range with control bias on the CNTL_PWR
pin, or 4.7V to 16V with control bias tied to VIN. When
applying control bias in the range from 4.7V to 5.5V, then
connect the bias to CNTL_PWR and INVTCC, otherwise
if >5.5V only bias the CNTL_PWR pin. The typical applica-
tion schematic is shown in Figure 16.
The LTM4633 has three integrated constant-frequency
current mode regulators, power MOSFETs, power induc-
tors, and other supporting discrete components. The
typical switching frequency is 750kHz. For switching
noise-sensitive applications, it can be externally syn-
chronized from 600kHz to 750kHz. See the Applications
Information section.
With current mode control and internal feedback loop
compensation, the LTM4633 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limit in an overcurrent condition. An internal overvolt-
age monitor protects the output voltages in the event
of an overvoltage >7.5%. The top MOSFET is turned off
and the bottom MOSFET is turned on until the output
overvoltage is cleared. There are two temperature moni-
tors in the LTM4633. TEMP1 monitors the close relative
temperature of channels 1 and 2, and TEMP2 monitors
the close relative temperature of channels 2 and 3. The
two diode connected PNP transistors are grounded in the
module and can be used as general purpose temperature
monitors using a device that is designed to monitor the
single-ended connection.
Pulling any of the RUN pins below 1.3V forces the cor-
responding regulator channel into a shutdown state. The
TK/SS pins are used for programming the output voltage
ramp and voltage tracking during start-up for each of the
channels. See the Applications Information section.
TheLTM4633isinternallycompensatedtobestableoverall
operatingconditions.Table5providesaguidelineforinput
and output capacitances for several operating conditions.
The LTpowerCAD™ software tool is provided for transient
and stability analysis. The VFB pin is used to program the
output voltage with a single external resistor to ground.
Each of the channels, operate with a 120° phase shift for
multiphase operation. VOUT1 and VOUT2 can be combined
to provide a single 20A output. The two channels will
not be operating 180° phase shift, but 120° phase when
combined for a 20A design. So the input RMS current
will be higher than a 180° phase shifted design. See the
Applications Information section.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation using the MODE/PLLIN
pin. These light load features will accommodate battery
operation. Efficiency graphs are provided for light load op-
erationintheTypicalPerformanceCharacteristicssection.


Similar Part No. - LTM4624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com