Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3863 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA3863
Description  Direct Sequence Spread Spectrum Baseband Processor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3863 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA3863 Datasheet HTML 1Page - Intersil Corporation HFA3863 Datasheet HTML 2Page - Intersil Corporation HFA3863 Datasheet HTML 3Page - Intersil Corporation HFA3863 Datasheet HTML 4Page - Intersil Corporation HFA3863 Datasheet HTML 5Page - Intersil Corporation HFA3863 Datasheet HTML 6Page - Intersil Corporation HFA3863 Datasheet HTML 7Page - Intersil Corporation HFA3863 Datasheet HTML 8Page - Intersil Corporation HFA3863 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4-4
External Interfaces
There are three primary digital interface ports for the
HFA3863 that are used for configuration and during normal
operation of the device as shown in Figure 1. These ports
are:
• The Control Port, which is used to configure, write
and/or read the status of the internal HFA3863
registers.
• The TX Port, which is used to accept the data that
needs to be transmitted from the network processor.
• The RX Port, which is used to output the received
demodulated data to the network processor.
In addition to these primary digital interfaces the device
includes a byte wide parallel Test Port which can be
configured to output various internal signals and/or data.
The device can also be set into various power consumption
modes by external control. The HFA3863 contains three
Analog to Digital (A/D) converters and four Digital to Analog
converters. The analog interfaces to the HFA3863 include,
the In phase (I) and quadrature (Q) data component inputs/
outputs, and the RF and IF receive automatic gain control
and transmit output power control.
MD_RDY
54
O
MD_RDY is an output signal to the network processor, indicating header data and a data packet are
ready to be transferred to the processor. MD_RDY is an active high signal that signals the start of data
transfer over the RXD serial bus. MD_RDY goes active when the SFD (Note) is detected and returns
to its inactive state when RX_PE goes inactive or an error is detected in the header.
RX_PE
61
I
When active, the receiver is configured to be operational, otherwise the receiver is in standby mode.
This is an active high input signal. In standby, RX_PE inactive, all RX A/D converters are disabled.
SD
3
I/O
SD is a serial bidirectional data bus which is used to transfer address and data to/from the internal
registers. The bit ordering of an 8-bit word is MSB first. The first 8 bits during transfers indicate the
register address immediately followed by 8 more bits representing the data that needs to be written or
read at that register. In the 4 wire interface mode, this pin is three-stated unless the R/W pin is high.
SCLK
4
I
SCLK is the clock for the SD serial bus. The data on SD is clocked at the rising edge. SCLK is an input
clock and it is asynchronous to the internal master clock (MCLK). The maximum rate of this clock is
11MHz or one half the master clock frequency, whichever is lower.
SDI
64
I
Serial Data Input in 3 wire mode described in Tech Brief 383. This pin is not used in the 4 wire interface
described in this data sheet. It should not be left floating.
R/W5
I
R/W is an input to the HFA3863 used to change the direction of the SD bus when reading or writing
data on the SD bus. R/W must be set up prior to the rising edge of SCLK. A high level indicates read
while a low level is a write.
CS
6
I
CS is a Chip select for the device to activate the serial control port. The CS doesn’t impact any of the
other interface ports and signals, i.e., the TX or RX ports and interface signals. This is an active low
signal. When inactive SD, SCLK, and R/W become “don’t care” signals.
TEST 7:0
51, 50, 49,
48, 47, 46,
45, 44
I/O
This is a data port that can be programmed to bring out internal signals or data for monitoring. These
bits are primarily reserved by the manufacturer for testing. A further description of the test port is given
in the appropriate section of this data sheet.
RESET
63
I
Master reset for device. When active TX and RX functions are disabled. If RESET is kept low the
HFA3863 goes into the power standby mode. RESET does not alter any of the configuration register
values nor does it preset any of the registers into default values. Device requires programming upon
power-up. See the section on Control Register 2 bit 0 for important initialization information.
MCLK
42
I
Master Clock for device. The nominal frequency of this clock is 44MHz. This is used internally to
generate all other internal necessary clocks and is divided by 2 or 4 for the transceiver clocks.
TXI
±
23/24
O
TX Spread baseband I digital output data. Data is output at the chip rate. Balanced differential 23+/24-.
TXQ
±
29/30
O
TX Spread baseband Q digital output data. Data is output at the chip rate. Balanced differential
29+/30-.
CompCap
33
I
Compensation Capacitor.
CompCap2
26
I
Compensation Capacitor.
CompRes1
32
I
Compensation Resistor.
CompRes2
27
I
Compensation Resistor.
NOTE: See CR10[3].
Pin Descriptions (Continued)
NAME
PIN
TYPE I/O
DESCRIPTION
HFA3863


Similar Part No. - HFA3863

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV INTERSIL-HFA3860AIV Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV96 INTERSIL-HFA3860AIV96 Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
More results

Similar Description - HFA3863

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com