Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL800UT-A Datasheet(PDF) 3 Page - Micronas

Part # HAL800UT-A
Description  Programmable Linear Hall Effect Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL800UT-A Datasheet(HTML) 3 Page - Micronas

  HAL800UT-A Datasheet HTML 1Page - Micronas HAL800UT-A Datasheet HTML 2Page - Micronas HAL800UT-A Datasheet HTML 3Page - Micronas HAL800UT-A Datasheet HTML 4Page - Micronas HAL800UT-A Datasheet HTML 5Page - Micronas HAL800UT-A Datasheet HTML 6Page - Micronas HAL800UT-A Datasheet HTML 7Page - Micronas HAL800UT-A Datasheet HTML 8Page - Micronas HAL800UT-A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
HAL 800
Micronas
3
Programmable Linear Hall Effect Sensor
1. Introduction
The
HAL 800 is an universal magnetic field sensor with
a linear output based on the Hall effect. The IC is
designed and produced in sub-micron CMOS technol-
ogy and can be used for angle or distance measure-
ments if combined with a rotating or moving magnet.
The major characteristics like magnetic field range,
sensitivity, output quiescent voltage (output voltage at
B = 0 mT), and output voltage range are programma-
ble in a non-volatile memory. The sensor has a ratio-
metric output characteristic, which means that the out-
put voltage is proportional to the magnetic flux and the
supply voltage.
The HAL 800 features a temperature compensated
Hall plate with choppered offset compensation, an A/D
converter, digital signal processing, a D/A converter
with output driver, an EEPROM memory with redun-
dancy and lock function for the calibration data, a serial
interface for programming the EEPROM, and protec-
tion devices at all pins. The internal digital signal pro-
cessing is of great benefit because analog offsets,
temperature shifts, and mechanical stress do not
degrade the sensor accuracy.
The HAL 800 is programmable by modulating the sup-
ply voltage. No additional programming pin is needed.
The easy programmability allows a 2-point calibration
by adjusting the output voltage directly to the input sig-
nal (like mechanical angle, distance or current). An
individual adjustment of each sensor during the cus-
tomers manufacturing process is possible. With this
calibration procedure the tolerances of the sensor, the
magnet, and the mechanical positioning can be com-
pensated in the final assembly.
In addition, the temperature compensation of the Hall
IC can be fit to all common magnetic materials by pro-
gramming first and second order temperature coeffi-
cients of the Hall sensor sensitivity. This enables an
operation over the full temperature range with high
accuracy.
The calculation of the individual sensor characteristics
and the programming of the EEPROM memory can
easily be done with a PC and the application kit from
Micronas. The HAL 800 eases logistic because its
characteristics can be programmed in a wide range.
Therefore, one Hall IC type can be used for various
applications.
The sensor is designed for hostile industrial and auto-
motive applications and operates with typically 5 V
supply voltage in the ambient temperature range from
−40 °C up to 150 °C.
The
HAL 800 is available in the very small leaded
package TO-92UT.
1.1. Major Applications
Due to the sensor’s versatile programming characteris-
tics, the HAL 800 is the optimal system solution for
applications such as:
– contactless potentiometers,
– rotary position measurement,
– linear position detection,
– magnetic field and current measurement.
1.2. Features
– high precision linear Hall effect sensor with
ratiometric output
– multiple programmable magnetic characteristics
with non-volatile memory
– digital signal processing
– temperature characteristics programmable for
matching all common magnetic materials
– programmable clamping voltages
– programming with a modulation of the supply
voltage
– lock function and redundancy for EEPROM memory
– operates from
−40 °C up to 150 °C
ambient temperature
– operates from 4.5 V up to 5.5 V supply voltage
– operates with static magnetic fields and dynamic
magnetic fields up to 2 kHz
– choppered offset compensation
– overvoltage and reverse-voltage protection at all
pins
– magnetic characteristics extremely robust against
mechanical stress
– short-circuit protected push-pull output
– EMC optimized design


Similar Part No. - HAL800UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL805 MICRONAS-HAL805 Datasheet
752Kb / 102P
   Programmer Board
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL805UT-A MICRONAS-HAL805UT-A Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL805UT-A MICRONAS-HAL805UT-A Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
More results

Similar Description - HAL800UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251_12 Datasheet
414Kb / 20P
   Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com