Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-1SP16T-83H Datasheet(PDF) 3 Page - Mini-Circuits

Part # USB-1SP16T-83H
Description  USB RF-SPDT Switch Matrix
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-1SP16T-83H Datasheet(HTML) 3 Page - Mini-Circuits

  USB-1SP16T-83H Datasheet HTML 1Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 2Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 3Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 4Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 5Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 6Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 7Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 8Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3 of 10
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB-1SP16T-83H
USB / TTL RF SP16T Switch
J16
50Ω
J15
50Ω
J14
50Ω
J13
50Ω
J11
50Ω
J12
50Ω
J10
50Ω
J9
50Ω
Control
ABSORPTIVE
SP16T SWITCH
T:\catalog spec\Portable Test Equipment\RFSW\Visio files\xxxx-63 diagrams\USB-xxxxx-63_Diagram_X17.ai
J8
50Ω
J7
50Ω
J6
50Ω
J5
50Ω
J3
50Ω
J4
50Ω
J2
50Ω
J1
50Ω
COM
50Ω
Micro Controller
Control
TTL Control & Power
USB
Power Supply
Voltage
regulator
Simplified Diagram
Connections
RF SP16T Switch (J1 to J16, COM) (SMA female)
USB
(USB type Mini-B receptacle)
TTL control & power
(9 pin D-sub - Female)*
Absolute Maximum Ratings
Operating Temperature
0°C to 50°C
Storage Temperature
-20°C to 60°C
DC supply voltage max.
6V
RF power into termination
+26 dBm
RF power @ Through
path
1 to 10 MHz
Derate linearly from +31 dBm @ 10
MHz to +30 dBm @1 MHz
10 to 8000 MHz
+31 dBm
DC voltage @ RF Ports
16V
Permanent damage may occur if any of these limits are exceeded. Operating in the range
between operating power limits and absolute maximum ratings for extended periods of time may
result in reduced life and reliability.
*9 Pin D-Sub
Pin Connections
PIN Number
Function
1
Vcc
2
GND
3
D0
4
D1
5
D2
6
D3
7
D4
8
Not Connected
9
Not Connected


Similar Part No. - USB-1SP16T-83H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
USB-1SP2T-34 MINI-USB-1SP2T-34 Datasheet
922Kb / 10P
   Solid State SP2T Switch
Rev. B
USB-1SP2T-673 MINI-USB-1SP2T-673 Datasheet
908Kb / 10P
   USB RF SPDT Switch
Rev. OR
USB-1SP4T-34 MINI-USB-1SP4T-34 Datasheet
903Kb / 10P
   Solid State SP4T Switch
Rev. B
USB-1SP4T-A18 MINI-USB-1SP4T-A18 Datasheet
922Kb / 7P
   USB RF-SP4T Switch Matrix
USB-1SP8T-63H MINI-USB-1SP8T-63H Datasheet
707Kb / 8P
   USB RF SP8T Switch
More results

Similar Description - USB-1SP16T-83H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
USB-1SPDT-A18 MINI-USB-1SPDT-A18 Datasheet
536Kb / 5P
   USB RF-SPDT Switch Matrix
USB-4SP2T-63H MINI-USB-4SP2T-63H Datasheet
606Kb / 8P
   USB RF-SPDT Switch Matrix
USB-2SP2T-DCH MINI-USB-2SP2T-DCH Datasheet
794Kb / 8P
   USB RF-SPDT Switch Matrix
USB-3SPDT-A18 MINI-USB-3SPDT-A18 Datasheet
685Kb / 6P
   USB RF-SPDT Switch Matrix
USB-2SPDT-A18 MINI-USB-2SPDT-A18 Datasheet
621Kb / 6P
   USB RF-SPDT Switch Matrix
USB-8SPDT-A18 MINI-USB-8SPDT-A18 Datasheet
1Mb / 17P
   USB RF-SPDT Switch Matrix
USB-4SPDT-A18 MINI-USB-4SPDT-A18 Datasheet
1Mb / 7P
   USB RF-SPDT Switch Matrix
RC-4SPDT-A26 MINI-RC-4SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RC-2SPDT-A26 MINI-RC-2SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RCM-6SPDT-18 MINI-RCM-6SPDT-18 Datasheet
649Kb / 7P
   RF SPDT Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com