Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-1SP16T-83H Datasheet(PDF) 1 Page - Mini-Circuits

Part # USB-1SP16T-83H
Description  USB RF-SPDT Switch Matrix
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-1SP16T-83H Datasheet(HTML) 1 Page - Mini-Circuits

  USB-1SP16T-83H Datasheet HTML 1Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 2Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 3Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 4Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 5Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 6Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 7Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 8Page - Mini-Circuits USB-1SP16T-83H Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB-1SP16T-83H
USB / TTL RF SP16T Switch
50Ω
1 to 8000 MHz
Solid state
Case Style: RB2574
Feature
Advantages
RF SP16T absorptive switch
Wideband (1 to 8000 MHz) with high isolation (90 dB typ.), and high power rating (+30 dBm
through path) makes this switch suitable for a wide range of applications.
High Linearity (IP3 +50 dBm typ.) Results in little or negligible inter-modulation generation, meeting requirements for digital
communications signals
Internal DC Blocking capacitors
at RF ports
No need for external DC blocking circuitry
Full software support included
Mini-Circuits’ full software package, programming and user manual are available for down
load from
https://www.minicircuits.com/softwaredownload/solidstate.html at no extra
cost.
Product Overview
Mini-Circuits’ USB-1SP16T-83H is a high isolation (90 dB typical), absorptive SP16T switch with USB and TTL control. The fast
switching, solid state switch operates from 1 MHz to 8000 MHz with 5.5 µs typical switching speed and high linearity (+50 dBm typ
IP3) which allow the model to be used for a wide variety of RF applications.
Full software support is provided for USB control, including our user-friendly GUI application for Windows and a full API with
programming instructions for Windows and Linux environments (both 32-bit and 64-bit systems). The latest version of the full software
package can be downloaded from
https://www.minicircuits.com/softwaredownload/solidstate.html at any time.
The USB-1SP16T-83H is housed in a low profile, rugged metal case (10.98” x 2.50” x 0.6”) with 17 SMA (F) connectors (COM, and
J1 to J16), a USB Mini-B port and a D-Sub 9 pin port for power and TTL control.
The Big Deal
•Very high isolation, 90 dB typ
•High speed switching, 5.5 µs typ
•High power handling, +30 dBm max
•USB & TTL power & control
Trademarks: Windows is a registered trademark of Microsoft Corporation in the United States and other countries. Linux is a registered trademark of Linus
Torvalds. Pentium is a registered trademark of Intel Corporation. Neither Mini-Circuits nor the Mini-Circuits USB-1SP16T-83H are affiliated with or endorsed by the
owners of the above referenced trademarks
Mini-Circuits and the Mini-Circuits logo are registered trademarks of Scientific Components Corporation.
RoHS Compliant
See our web site for RoHS Compliance
methodologies and qualifications
Typical Applications
•Cellular handset / BTS testing
•High volume production testing / ATE
•Design verification testing
•RF signal routing / switch matrices
Model No.
Description
Qty.
USB-1SP16T-83H Switch Matrix
1
Included Accessories
MUSB-CBL-3+
2.6 ft USB cable
1
Rev. OR
M164721
EDR-11610/1
USB-1SP16T-83H
RAV
180301
Key Features
Software Package


Similar Part No. - USB-1SP16T-83H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
USB-1SP2T-34 MINI-USB-1SP2T-34 Datasheet
922Kb / 10P
   Solid State SP2T Switch
Rev. B
USB-1SP2T-673 MINI-USB-1SP2T-673 Datasheet
908Kb / 10P
   USB RF SPDT Switch
Rev. OR
USB-1SP4T-34 MINI-USB-1SP4T-34 Datasheet
903Kb / 10P
   Solid State SP4T Switch
Rev. B
USB-1SP4T-A18 MINI-USB-1SP4T-A18 Datasheet
922Kb / 7P
   USB RF-SP4T Switch Matrix
USB-1SP8T-63H MINI-USB-1SP8T-63H Datasheet
707Kb / 8P
   USB RF SP8T Switch
More results

Similar Description - USB-1SP16T-83H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
USB-1SPDT-A18 MINI-USB-1SPDT-A18 Datasheet
536Kb / 5P
   USB RF-SPDT Switch Matrix
USB-4SP2T-63H MINI-USB-4SP2T-63H Datasheet
606Kb / 8P
   USB RF-SPDT Switch Matrix
USB-2SP2T-DCH MINI-USB-2SP2T-DCH Datasheet
794Kb / 8P
   USB RF-SPDT Switch Matrix
USB-3SPDT-A18 MINI-USB-3SPDT-A18 Datasheet
685Kb / 6P
   USB RF-SPDT Switch Matrix
USB-2SPDT-A18 MINI-USB-2SPDT-A18 Datasheet
621Kb / 6P
   USB RF-SPDT Switch Matrix
USB-8SPDT-A18 MINI-USB-8SPDT-A18 Datasheet
1Mb / 17P
   USB RF-SPDT Switch Matrix
USB-4SPDT-A18 MINI-USB-4SPDT-A18 Datasheet
1Mb / 7P
   USB RF-SPDT Switch Matrix
RC-4SPDT-A26 MINI-RC-4SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RC-2SPDT-A26 MINI-RC-2SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RCM-6SPDT-18 MINI-RCM-6SPDT-18 Datasheet
649Kb / 7P
   RF SPDT Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com