Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH-W5AM Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LH-W5AM
Description  white SMT package with clear silicone lens, chip level conversion
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LH-W5AM Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LH-W5AM Datasheet HTML 3Page - OSRAM GmbH LH-W5AM Datasheet HTML 4Page - OSRAM GmbH LH-W5AM Datasheet HTML 5Page - OSRAM GmbH LH-W5AM Datasheet HTML 6Page - OSRAM GmbH LH-W5AM Datasheet HTML 7Page - OSRAM GmbH LH-W5AM Datasheet HTML 8Page - OSRAM GmbH LH-W5AM Datasheet HTML 9Page - OSRAM GmbH LH-W5AM Datasheet HTML 10Page - OSRAM GmbH LH-W5AM Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Version 1.1
LH W5AM
2013-06-25
7
Relative Spectral Emission - V( ) = Standard eye response curve 5) page 20
Relative spektrale Emission - V( ) = spektrale Augenempfindlichkeit 5) Seite 20
rel = f ( ); TS = 25 °C; IF = 400 mA
Radiation Characteristics 5) page 20
Abstrahlcharakteristik 5) Seite 20
Irel = f ( ); TS = 25 °C
OHL06117
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
λ (nm)
Φ
rel
:
: V
(hyperred)
Φ
rel
λ
OHL03635
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - LH-W5AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH-1602N ETC1-LH-1602N Datasheet
28Kb / 1P
   Home Phone Networking Analog Magnetics Module
LH-1606N ETC1-LH-1606N Datasheet
39Kb / 1P
   HOME PHONE NETWORKING BANDPASS and 10/100 BASE-T FILTER
LH-2001N ETC-LH-2001N Datasheet
27Kb / 1P
   1/10 Mbps Filter Modules HomeLAN Magnetics Module
logo
NEC
LH-3102 NEC-LH-3102 Datasheet
3Mb / 51P
   Noise Filters
LH-31204 NEC-LH-31204 Datasheet
3Mb / 51P
   Noise Filters
More results

Similar Description - LH-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWW5AM OSRAM-LUWW5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LB-W5AM OSRAM-LB-W5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LBW5AM OSRAM-LBW5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LUW-W5AM OSRAM-LUW-W5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LT-W5AM OSRAM-LT-W5AM Datasheet
1Mb / 23P
   white SMT package with clear silicone lens, chip level conversion
LWW5AM OSRAM-LWW5AM Datasheet
1Mb / 23P
   white SMT package with clear silicone lens, chip level conversion
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCW-W5AM OSRAM-LCW-W5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LW-W5AM OSRAM-LW-W5AM Datasheet
568Kb / 18P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LW-W5SM OSRAM-LW-W5SM Datasheet
592Kb / 18P
   white SMD package, colorless clear silicone resin; chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com