Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0194330013 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0194330013
Description  MX150L 2 Circuit Plug for 10-12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0194330013 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0194330013_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0194330013_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/16/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194330013
Status:
Active
Overview:
MX150L Industrial Sealed Connector System
Description:
MX150L 2 Circuit Plug for 10-12 AWG Wire
Documents:
3D Model
Packaging Specification PK-19433-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19432-001-001 (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Housings
Series
19433
Application
Power, Wire-to-Wire
Comments
Mat Seal Color is Yellow, Polarized to Mating Part.
IP67 rated; conforms to UL 1977. NOT suitable for
automotive applications with requirements such as
USCAR-2, USCAR-25, GMW3191, AK Testing, J2030,
Volvo Technology Requirements, and Toyota Connector
S
Overview
MX150L Industrial Sealed Connector System
Product Literature Order No
987650-2181
Product Name
MX150L
UPC
822350190886
Physical
Circuits (maximum)
2
Circuits Detail
1x1
Flammability
94V-0
Gender
Plug
Glow-Wire Capable
No
Keying to Mating Part
N/A
Lock to Mating Part
Yes
Net Weight
14.062/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.84mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
30.0A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-19433-001
Product Specification
PS-19432-001-001
Sales Drawing
SD-19433-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
19433 Series
Mates With
19432-0013 Female Receptacle
Use With
19431 Male Terminal


Similar Part No. - 0194330013_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194330013 MOLEX4-0194330013 Datasheet
94Kb / 2P
   MX150L??2 Circuit Plug for 10-12 AWG Wire
More results

Similar Description - 0194330013_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194330013 MOLEX4-0194330013 Datasheet
94Kb / 2P
   MX150L??2 Circuit Plug for 10-12 AWG Wire
19433-0013 MOLEX11-19433-0013 Datasheet
49Kb / 2P
   MX150L 2 Circuit Plug for 10-12 AWG Wire
19433-0001 MOLEX11-19433-0001 Datasheet
50Kb / 2P
   MX150L 4 Circuit Plug for 10-12 AWG Wire
0194330001 MOLEX1-0194330001_18 Datasheet
43Kb / 2P
   MX150L 4 Circuit Plug for 10-12 AWG Wire
0194330001 MOLEX4-0194330001 Datasheet
94Kb / 2P
   MX150L??4 Circuit Plug for 10-12 AWG Wire
0194320013 MOLEX1-0194320013_18 Datasheet
40Kb / 2P
   MX150L 2 Circuit Female Sealed Receptacle for 10-12 AWG Wire
0194320013 MOLEX4-0194320013 Datasheet
98Kb / 2P
   MX150L??2 Circuit Female Sealed Receptacle for 10-12 AWG Wire
0194330014 MOLEX1-0194330014_18 Datasheet
42Kb / 2P
   MX150L 2 Circuit Plug for 8 AWG Wire
19433-0014 MOLEX11-19433-0014 Datasheet
49Kb / 2P
   MX150L 2 Circuit Plug for 8 AWG Wire
0194330014 MOLEX4-0194330014 Datasheet
94Kb / 2P
   MX150L??2 Circuit Plug for 8 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com