Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6408-9 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6408-9
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6408-9 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6408-9 Datasheet HTML 1Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 2Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 3Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 4Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 5Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 6Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 7Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 8Page - Fairchild Semiconductor FMS6408-9 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REV. 2C August 31, 2004
3
FMS6408
DATA SHEET
Absolute Maximum Ratings (beyond which the device may be damaged)
Note
Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if operating
conditions are not exceeded.
Reliability Information
Recommended Operating Conditions
Parameter
Min
Max
Units
VCC
-0.3
6
V
Analog and Digital
-0.3
VCC + 0.3
V
Output Current Any One Channel (Do not exceed)
50
mA
Input Source Resistance (RS)300
Parameter
Min
Typ
Max
Units
Junction Temperature
+150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
+300
°C
Thermal Resistance (
θθθθJA),
JEDEC Standard Multi-layer Test Boards, Still Air
90
°C/W
Parameter
Min
Typ
Max
Units
Temperature Range
0
70
°C
VCC Range
+4.75
+5.0
+5.25
V
Factory Programming Options (See Ordering Information Table on Page 9 for current options)
Note
These factory programming options allow a single die to be configured for multiple operating modes.
Part Name
Part Number
Clamping
Mode
Peaking
Mode (dB)
YOUT Level
(mV)
UOUT Level
(V)
VOUT Level
(V)
FMS6408-1
FMS6408MTC141_NL
YPbPr/YC
0
250
1.125
1.125
FMS6408-2
FMS6408MTC142_NL
YPbPr/YC
0.4
250
1.125
1.125
FMS6408-3
FMS6408MTC143_NL
YPbPr/YC
0.9
250
1.125
1.125
FMS6408-4
FMS6408MTC144_NL
YPbPr/YC
1.3
250
1.125
1.125
FMS6408-5
FMS6408MTC145_NL
YUV/RGB
0
250
250
250
FMS6408-6
FMS6408MTC146_NL
YUV/RGB
0.4
250
250
250
FMS6408-7
FMS6408MTC147_NL
YUV/RGB
0.9
250
250
250
FMS6408-8
FMS6408MTC148_NL
YUV/RGB
1.3
250
250
250
FMS6408-9
FMS6408MTC149_NL
YC/CV
0
250
1.125
250
FMS6408-10
FMS6408MTC1410_NL
YC/CV
0.4
250
1.125
250
FMS6408-11
FMS6408MTC1411_NL
YC/CV
0.9
250
1.125
250
FMS6408-12
FMS6408MTC1412_NL
YC/CV
1.3
250
1.125
250


Similar Part No. - FMS6408-9

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408MTC141 FAIRCHILD-FMS6408MTC141 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1410 FAIRCHILD-FMS6408MTC1410 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1411 FAIRCHILD-FMS6408MTC1411 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1412 FAIRCHILD-FMS6408MTC1412 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC141X FAIRCHILD-FMS6408MTC141X Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results

Similar Description - FMS6408-9

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com