Electronic Components Datasheet Search |
|
0194290031 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0194290031 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 05/10/2018 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0194290031 Status: Active Overview: MX150L Industrial Sealed Connector System Description: MX150L 12 Circuit Panel Mount Plug for 14-22 AWG Wire, Through Hole Flange Assembly, without Gasket Documents: 3D Model Packaging Specification PK-19429-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-19417-001-001 (PDF) Product Literature (PDF) General Product Family Crimp Housings Series 19429 Application Power, Wire-to-Wire Comments For Outside or Inside Panel Mount Application. IP67 rated; conforms to UL 1977. NOT suitable for automotive applications with requirements such as USCAR-2, USCAR-25, GMW3191, AK Testing, J2030, Volvo Technology Requirements, and Toyota Connector Spec ( Overview MX150L Industrial Sealed Connector System Product Literature Order No 987650-2181 Product Name MX150L UPC 822348544448 Physical Circuits (maximum) 12 Gender Plug Glow-Wire Capable No Lock to Mating Part Yes Net Weight 18.839/g Number of Rows 2 Packaging Type Bag Panel Mount Yes Pitch - Mating Interface 5.84mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -40°C to +125°C Electrical Current - Maximum per Contact 18.0A Material Info Reference - Drawing Numbers Packaging Specification PK-19429-001 Product Specification PS-19417-001-001 Sales Drawing SD-19429-015 Series image - Reference only EU ELV Compliant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per -ED/01/2018 (15 January 2018) Halogen-Free Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Compliant RoHS Phthalates Not Contained Search Parts in this Series 19429 Series Mates With 19418 MX150L Receptacle Assemblies Use With 19417 MX150L Male Crimp Terminals, 19427-0030 MX150L Gasket This document was generated on 05/10/2018 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 0194290031_18 |
|
Similar Description - 0194290031_18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |