Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4620EV Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4620EV
Description  High Efficiency, PolyPhase 50A Step-Down Power 關Module짰 Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4620EV Datasheet(HTML) 4 Page - Linear Technology

  LTM4620EV Datasheet HTML 1Page - Linear Technology LTM4620EV Datasheet HTML 2Page - Linear Technology LTM4620EV Datasheet HTML 3Page - Linear Technology LTM4620EV Datasheet HTML 4Page - Linear Technology LTM4620EV Datasheet HTML 5Page - Linear Technology LTM4620EV Datasheet HTML 6Page - Linear Technology LTM4620EV Datasheet HTML 7Page - Linear Technology LTM4620EV Datasheet HTML 8Page - Linear Technology LTM4620EV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
dc1780aafa
DEMO MANUAL DC1780A-A
QUICK START PROCEDURE
Figure 3. Measured Efficiency VIN = 5V, fSW = 500kHz
Figure 4. Measured Efficiency VIN = 12V, fSW = 500kHz
LOAD CURRENT (A)
0
100
90
80
70
60
40
10
DC1780A-A F03
50
30
20
VIN = 5V, VOUT = 2.5V
VIN = 5V, VOUT = 1.8V
VIN = 5V, VOUT = 1.5V
VIN = 5V, VOUT = 1.2V
VIN = 5V, VOUT = 1V
LOAD CURRENT (A)
0
100
90
80
70
60
40
10
DC1780A-A F04
50
30
20
VIN = 12V, VOUT = 2.5V
VIN = 12V, VOUT = 1.8V
VIN = 12V, VOUT = 1.5V
VIN = 12V, VOUT = 1.2V
VIN = 12V, VOUT = 1V
Figure 5. Load Transient 25A to 50A (VIN = 12V, VOUT = 1V)
Figure 6. Measured Output Voltage Ripple at 12VIN, 1VOUT,
50A on J7 with Standard Demo Circuit Default Setup
DC1780A-A F05
1V OUTPUT (20MHz BW)
100mV/DIV
25A TO 50A LOAD
DC1780A-A F06
1V OUTPUT (20MHz BW)
10mV/DIV


Similar Part No. - LTM4620EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620 LINER-LTM4620 Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620 Datasheet
822Kb / 64P
   38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection
LTM4620 LINER-LTM4620 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM4620 LINER-LTM4620 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
More results

Similar Description - LTM4620EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650EY-1 LINER-LTM4650EY-1 Datasheet
697Kb / 12P
   High Efficiency, PolyPhase 100A Step-Down Power 關Module짰 Regulator 2횞 LTM4650EY-1, 100A
LTM4608AEV LINER-LTM4608AEV Datasheet
1Mb / 6P
   8A Step-Down Power 關Module짰 Regulator
LTM4627EV LINER-LTM4627EV Datasheet
587Kb / 10P
   High Efficiency PolyPhase Step-Down Power Supply
LTC3729 LINER-LTC3729_15 Datasheet
353Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729 Datasheet
342Kb / 28P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729_1 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTC1629 LINER-LTC1629 Datasheet
330Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629 LINER-LTC1629_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629-PG LINER-LTC1629-PG_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com