Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0194290009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0194290009
Description  MX150L 4 Circuit Panel Mount Plug for 14-22 AWG Wire, Rear Mount Flange
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX1 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0194290009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/17/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194290009
Status:
Active
Overview:
MX150L Industrial Sealed Connector System
Description:
MX150L 4 Circuit Panel Mount Plug for 14-22 AWG Wire, Rear Mount Flange
Assembly, without Gasket
Documents:
3D Model
Packaging Specification PK-19429-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19417-001-001 (PDF)
Product Literature (PDF)
Agency Certification
UL
E152602
General
Product Family
Crimp Housings
Series
19429
Application
Power, Wire-to-Wire
Comments
For Inside Panel Mount Application. IP67 rated;
conforms to UL 1977. NOT suitable for automotive
applications with requirements such as USCAR-2,
USCAR-25, GMW3191, AK Testing, J2030, Volvo
Technology Requirements, and Toyota Connector Spec
(TCS)
Overview
MX150L Industrial Sealed Connector System
Product Literature Order No
987650-2181
Product Name
MX150L
UPC
822348564439
Physical
Circuits (maximum)
4
Flammability
94V-0
Gender
Plug
Glow-Wire Capable
No
Lock to Mating Part
Yes
Net Weight
11.642/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
5.84mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
18.0A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-19429-001
Product Specification
PS-19417-001-001
Sales Drawing
SD-19429-002
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
19429 Series
Mates With
19418 MX150L Receptacle Assemblies
Use With
19417 MX150L Male Crimp Terminals,
19427-0024 MX150L Gasket
This document was generated on 05/17/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn