Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4607EV Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4607EV
Description  High Efficiency PolyPhase Buck-Boost Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607EV Datasheet(HTML) 1 Page - Linear Technology

  LTM4607EV Datasheet HTML 1Page - Linear Technology LTM4607EV Datasheet HTML 2Page - Linear Technology LTM4607EV Datasheet HTML 3Page - Linear Technology LTM4607EV Datasheet HTML 4Page - Linear Technology LTM4607EV Datasheet HTML 5Page - Linear Technology LTM4607EV Datasheet HTML 6Page - Linear Technology LTM4607EV Datasheet HTML 7Page - Linear Technology LTM4607EV Datasheet HTML 8Page - Linear Technology LTM4607EV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc1601bf
DEMO MANUAL DC1601B
DESCRIPTION
LTM4607EV
High Efficiency PolyPhase
Buck-Boost Power Supply
Demonstration circuit DC1601B is a PolyPhase® power
supply featuring the LTM®4607 power module, a complete
high efficiency switching mode buck-boost power supply.
The DC1601B input voltage range is from 6V to 36V and
is capable of delivering high power through paralleled
LTM4607 modules. The demo circuit can deliver up to 10A
of output current for two paralleled modules (DC1601B-A),
15A for three paralleled modules (DC1601B-B) and up
to 20A for four paralleled modules (DC1601B-C). The
DC1601B demonstrates that paralleling modules is easy
and reliable.
The output voltage for the board is 12V. The rated load
current per module is 5A in boost mode, however cur-
rent derating may be necessary under certain VIN, VOUT,
frequency, and thermal conditions. An onboard external
clock is provided for synchronization and interleaving of
L, LT, LTC, LTM, Linear Technology, PolyPhase and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
phases to minimize input and output ripple. An internal
phase-locked loop allows the LTM4607 to be synchro-
nized to an external clock within the range of 200kHz to
400kHz. The LTM4607 default switching frequency on the
DC1601B is set to 300kHz through the onboard LTC6902
clock generator which interleaves the paralleled phases.
The frequency and phase separation set by the LTC6902
are resistor programmable.
These features, including the availability of the LTM4607 in
a compact thermally enhanced 15mm × 15mm × 2.8mm
LGA package make the demonstration circuit ideal for
use in high density point of load regulation applications.
Design files for this circuit board are available at
http://www.linear.com/demo
BOARD PHOTO
DC1601B-C
SHOWN


Similar Part No. - LTM4607EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4607EV-PBF LINER-LTM4607EV-PBF Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
More results

Similar Description - LTM4607EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4627EV LINER-LTM4627EV Datasheet
587Kb / 10P
   High Efficiency PolyPhase Step-Down Power Supply
logo
Intersil Corporation
ISL9120IR INTERSIL-ISL9120IR Datasheet
433Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
February 2, 2016
logo
Renesas Technology Corp
ISL9120 RENESAS-ISL9120 Datasheet
685Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Intersil Corporation
ISL9120 INTERSIL-ISL9120 Datasheet
131Kb / 2P
   Compact High Efficiency Low Power Buck-Boost Regulator
January 29, 2016
logo
Renesas Technology Corp
ISL9120IR RENESAS-ISL9120IR Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
   Buck-Boost, High Efficiency POL Module
logo
Intersil Corporation
ISL9110IRT7Z-T7A INTERSIL-ISL9110IRT7Z-T7A Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
ISL9110IRTNZ-T INTERSIL-ISL9110IRTNZ-T Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com