Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0194190020 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0194190020
Description  MX150L 16 Circuit Plug for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0194190020 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0194190020_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0194190020_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/11/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194190020
Status:
Active
Overview:
MX150L Industrial Sealed Connector System
Description:
MX150L 16 Circuit Plug for 18-22 AWG Wire
Documents:
3D Model
Packaging Specification PK-19419-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19417-001-001 (PDF)
Product Literature (PDF)
Application Specification AS-19417-001-001 (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Housings
Series
19419
Application
Power, Wire-to-Wire
Comments
IP67 rated; conforms to UL 1977. NOT suitable for
automotive applications with requirements such as
USCAR-2, USCAR-25, GMW3191, AK Testing, J2030,
Volvo Technology Requirements, and Toyota Connector
Spec (TCS)
Overview
MX150L Industrial Sealed Connector System
Product Literature Order No
987650-2181
Product Name
MX150L
UPC
822348526628
Physical
Circuits (maximum)
16
Flammability
94V-0
Gender
Plug
Glow-Wire Capable
No
Lock to Mating Part
Yes
Net Weight
31.916/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.84mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
18.0A
Material Info
Reference - Drawing Numbers
Application Specification
AS-19417-001-001
Packaging Specification
PK-19419-001
Product Specification
PS-19417-001-001
Sales Drawing
SD-19419-007
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/108/2014 (17 Dec
2014)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
19419 Series
Mates With
19418 Receptacle Assemblies
Use With
19417 Male Crimp Terminals
This document was generated on 05/11/2018


Similar Part No. - 0194190020_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194190020 MOLEX4-0194190020 Datasheet
113Kb / 2P
   MX150L??16 Circuit Plug for 18-22 AWG Wire
More results

Similar Description - 0194190020_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19419-0021 MOLEX11-19419-0021 Datasheet
50Kb / 1P
   MX150L 16 Circuit Plug for 18-22 AWG Wire
0194190020 MOLEX4-0194190020 Datasheet
113Kb / 2P
   MX150L??16 Circuit Plug for 18-22 AWG Wire
19419-0020 MOLEX11-19419-0020 Datasheet
50Kb / 1P
   MX150L 16 Circuit Plug for 18-22 AWG Wire
19419-0017 MOLEX11-19419-0017 Datasheet
51Kb / 1P
   MX150L 10 Circuit Plug for 18-22 AWG Wire
0194190001 MOLEX4-0194190001 Datasheet
106Kb / 2P
   MX150L??8 Circuit Plug for 18-22 AWG Wire
0194190012 MOLEX4-0194190012 Datasheet
103Kb / 2P
   MX150L??6 Circuit Plug for 18-22 AWG Wire
19419-0014 MOLEX11-19419-0014 Datasheet
52Kb / 1P
   MX150L 10 Circuit Plug for 18-22 AWG Wire
0194190008 MOLEX1-0194190008_18 Datasheet
45Kb / 2P
   MX150L 2 Circuit Plug for 18-22 AWG Wire
0194190005 MOLEX4-0194190005 Datasheet
100Kb / 2P
   MX150L??4 Circuit Plug for 18-22 AWG Wire
0194190017 MOLEX4-0194190017 Datasheet
109Kb / 2P
   MX150L??12 Circuit Plug for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com