Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4624EY Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4624EY
Description  4A Step-Down 關Module Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624EY Datasheet(HTML) 2 Page - Linear Technology

  LTM4624EY Datasheet HTML 1Page - Linear Technology LTM4624EY Datasheet HTML 2Page - Linear Technology LTM4624EY Datasheet HTML 3Page - Linear Technology LTM4624EY Datasheet HTML 4Page - Linear Technology LTM4624EY Datasheet HTML 5Page - Linear Technology LTM4624EY Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1889af
DEMO MANUAL DC1889A
Quick start proceDure
Demonstrationcircuit1889Aisaneasywayto evaluatethe
performance of the LTM4624EY. Please refer to Figure 1
fortestsetupconnectionsandfollowtheprocedurebelow.
1. With power off, place the jumpers in the follow-ing
positions for a typical 1.8Vout application:
JP7
JP6
JP4
RUN
MODE
VOUT Select
ON
CCM
1.8V
2. Before connecting input supply, load and meters, pre-
set the input voltage supply to be between 4V to 14V.
Pre-set the load current to 0A.
3. With power off, connect the load, input voltage supply
and meters as shown in Figure 1.
4. Turn on input power supply. The output voltage meter
should display the selected output voltage ±2%.
5. Once the proper output voltage is established, adjust
the load current within the 0A to 4A range and observe
the load regulation, efficiency, and other parameters.
Output voltage ripple should be measured at J6 with a
BNC cable terminated into 50Ω and an oscilloscope.
6. To observe increased light load efficiency place the
MODE pin jumper (JP6) in the DCM position while input
power is removed.
7. For optional load transient testing apply an adjustable
positive pulse signal between IOSTEP CLK and GND
pins. The pulse amplitude sets the load step current
amplitude. The pulse width should be short (<1ms)
and pulse duty cycle should be low (<15%) to limit the
thermal stress on the load transient circuit. The load
step current can be monitored with a BNC connected
to J5 (50mV/A).
A
+
A
+
LOAD
0A TO 4A
+
V
+
V
+
VIN
Figure 1. Test Setup


Similar Part No. - LTM4624EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4624EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
   Quad 4A Output Step-Down 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
   4A Step-Down Regulator
June 2015 Rev. 1.2
logo
Linear Technology
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
   15V, 4A Step-Up 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
   4A Synchronous Step-Down Regulator
logo
Linear Technology
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
   6A Step-Down Power 關Module Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com