Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4630EV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4630EV
Description  High Efficiency Dual 18A or Single 36A 關Module Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630EV Datasheet(HTML) 2 Page - Linear Technology

  LTM4630EV Datasheet HTML 1Page - Linear Technology LTM4630EV Datasheet HTML 2Page - Linear Technology LTM4630EV Datasheet HTML 3Page - Linear Technology LTM4630EV Datasheet HTML 4Page - Linear Technology LTM4630EV Datasheet HTML 5Page - Linear Technology LTM4630EV Datasheet HTML 6Page - Linear Technology LTM4630EV Datasheet HTML 7Page - Linear Technology LTM4630EV Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2081a-af
DEMO MANUAL DC2081A-A
DC2081A-A BOARD PHOTO
QUICK START PROCEDURE
Demonstration circuit DC2081A-A is easy to set up to
evaluate the performance of the LTM4630EV. Please refer
to Figure 1 for proper measurement setup and follow the
procedure below:
1. With power off, connect the input power supply, load
and meters as shown in Figure 1. Preset the load to 0A
and VIN supply to 12V.
2. Turn on the power supply at the input. The output volt-
age should be 1.0V ± 1.5% (0.985V ~ 1.015V).
3. Oncetheproperoutputvoltageisestablished,adjustthe
load within the operating range and observe the output
voltage regulation, output voltage ripple, efficiency and
other parameters. Output ripple can be measured at J6
with BNC cables.
4. (Optional) For optional load transient test, apply an ad-
justablepulsesignalbetween“IOSTEPCLK”and“GND”
test point. Pulse amplitude (3V ~ 3.5V) sets the load
stepcurrentamplitude.Theoutputtransientcurrentcan
be monitored at the BNC connector J5 (15mV/A). The
pulse signal should have very small duty cycle (< 10%)
to limit the thermal stress on the transient load circuit.


Similar Part No. - LTM4630EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630EY-1 LINER-LTM4630EY-1 Datasheet
883Kb / 8P
   Dual 18A or Single 36A 關Module Regulator with 짹0.8% DC and 짹3% Transient Accuracy
More results

Similar Description - LTM4630EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
   Dual 18A or Single 36A 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
LTM4630EY-1 LINER-LTM4630EY-1 Datasheet
883Kb / 8P
   Dual 18A or Single 36A 關Module Regulator with 짹0.8% DC and 짹3% Transient Accuracy
LTM4630-1 LINER-LTM4630-1_15 Datasheet
1Mb / 36P
   Dual 18A or Single 36A Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
   Dual 10A or Single 20A 關Module Regulator
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com