Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FMS6408 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FMS6408
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FMS6408 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
REV. 2C August 31, 2004
DATA SHEET
FMS6408
Notes
1. 100% tested at 25°C.
2. Mode selection for YUV/RGB vs. PbPr/YC vs. YC CV operation based on factory programming
3. Peaking Options boost gain by 0dB, 0.4dB, 0.9dB, or 1.3dB from 4.2MHz to 5MHz based on factory programming
Electrical Specifications
(TC = 25˚C, Vi = 1Vpp, VCC = 5.0V, all inputs AC coupled with 0.1
µF, all outputs AC coupled with 220µF into 150Ω,
referenced to 400kHz, 0dB peaking option; unless otherwise noted)
AC Electrical Specifications
(TC = 25˚C, Vi = 1Vpp, VCC = 5.0V, all inputs AC coupled with 0.1
µF, all outputs AC coupled with 220µF into 150Ω,
referenced to 400kHz, 0dB peaking option; unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current1
VCC no load
52
86
mA
Vi
Input Voltage Max
1.4
Vpp
Vil
Digital Input Low1
Bypass, A_NB
0
0.8
V
Vih
Digital Input High1
Bypass, A_NB
2.0
VCC
V
VCLAMP
Clamp Voltage2
YUV/RGB/CV Inputs
250
mV
PbPr/C Inputs
1.125
V
PSRR
Power Supply Rejection Ratio
DC
-40
dB
Symbol
Parameter
Conditions
Min
Typ
Max
Units
APB
Passband Response1
4.2MHz
-0.5
0
dB
AVLF
Low Frequency Gain (All Channels)1 at 400kHz
5.6
5.9
6.2
dB
∆AV
HF
Delta High Frequency at 5MHz
(All Channels)3
0dB Peaking Option
0.3
dB
0.4dB Peaking Option
0.7
dB
0.9dB Peaking Option
1.2
dB
1.3dB Peaking Option
1.6
dB
fC
-3dB Bandwidth
All Channels
7.6
MHz
fSBh
Stopband Rejection (All Channels)1
at 27MHz
48
52
dB
dG
Differential Gain
All Channels
0.2
%
d
θ
Differential Phase
All Channels
0.5
°
THD
Total Harmonic Distortion
at 3.58MHz
0.2
%
SNR
SNR All Channels (NTC7 Weighted)
4.2MHz Lowpass, 100kHz Highpass
75
dB
HDIST
Line-Time Distortion
18
µs, 100 IRE Bar
TBD
%
VDIST
Field-Time Distortion
130 Lines, 18
µs, 100 IRE Bar
TBD
%
tpd
Propagation Delay (All Channels)
400kHz
65
ns
GD
Group Delay (All Channels)
to 3.58MHz (NTSC)
14
ns
tSKEW
tpdSkew Between Any 2 Channels
at 400kHz
2ns
AV(match)
Channel Gain Matching1
400kHz
0
5
%
TCLAMP
Clamp Response Time (All Channels) Settled to 10mV, Initial Condition 0V
5
ms
XTALK
Crosstalk (Channel-to-Channel)
at 1.0MHz
-65
dB
INMUXISO
Input Mux Isolation
at 1.0MHz
-85
dB
f1dBWB
Bypass Mode -1dB Bandwidth
1.4Vpp Output All Channels
25
MHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn