Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6366 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FMS6366
Description  Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6366 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6366 Datasheet HTML 1Page - Fairchild Semiconductor FMS6366 Datasheet HTML 2Page - Fairchild Semiconductor FMS6366 Datasheet HTML 3Page - Fairchild Semiconductor FMS6366 Datasheet HTML 4Page - Fairchild Semiconductor FMS6366 Datasheet HTML 5Page - Fairchild Semiconductor FMS6366 Datasheet HTML 6Page - Fairchild Semiconductor FMS6366 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REV. 1B September 17, 2004
3
FMS6366
DATA SHEET
Note:
1. 100% tested at 25°C
Absolute Maximum Ratings (beyond which the device may be damaged)
Reliability Information
Recommended Operating Conditions
Description
The FMS6366 offers comprehensive filtering for set top box
or DVD applications. This part consists of triple 4:2:2 6th
order filters with selectable 30/15MHz or 8/4MHz frequen-
cies for YPbPr and a dual 8MHz filter for YC with a compos-
ite summer. Two-to-one multiplexers are provided on the
triple filters as well as provisions for auxiliary input to the
composite channel. The triple filters are intended for YPbPr
signals. All channels accept DC coupled ground-referenced
1Vpp signals. The filters output 2Vpp signals into AC cou-
pled terminated loads.
The FMS6366 is a next generation filter solution from Fair-
child Semiconductor addressing the expanding filtering needs
for set top boxes, and DVD players. The product provides
selectable 4:2:2 HD/SD filtering on the YPbPr channels.
Thus, the FMS6366 addresses the requirement for a single
set top box to be compatible with a variety of resolution stan-
dards. Additionally, the product provides additional filters
for Y, C, and Composite Video (CV) outputs. Multiplexers
on the YPbPr and CV channels provide further flexibility.
For DVD applications, the product provides filtering and
output drive amplification for 6 channels of outputs. These
include Y1, Pb, Pr, Y2, C, and CV outputs.
For Set top boxes, this product provides two channels of fil-
tered video with the flexibility of selectable high order filter-
ing for multiple resolution standards. Additional flexibility is
provided by the Y (Luma) and C (Chroma) filters with a
composite summer.
All channels provide 6dB gain, accept 1V ground referenced
inputs, and drive AC coupled loads.
fCHD4
-3dB Bandwidth for HD
Y1
31.5
MHz
fCHD2
Pb, Pr
16
MHz
fSBHD
Attenuation: HD (stopband reject)1
All Channels at f = 74.25MHz
35
40
dB
tpdHD4
Prop Delay for HD
Y1 delay In to Out at 400kHz
25
ns
tpdHD2
Pb, Pr delay In to Out at 400kHz
40
ns
t42HDYPbPr
4:2:2 Filter delay
(compensate in the digital domain)
Y1 to Pb/Pr delay
15
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Parameter
Min
Max
Units
DC Supply Voltage
-0.3
6
V
Analog and Digital I/O
-0.3
VCC + 0.3
V
Output Current Any One Channel, Do Not Exceed
50
mA
Parameter
Min
Typ
Max
Units
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
300
°C
Thermal Resistance (
ΘJA), JEDEC Standard Multi-layer
Test Boards, Still Air
47
°C/W
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
70
°C
VCC Range
4.75
5.0
5.25
V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn