Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD-W5AP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LD-W5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-W5AP Datasheet(HTML) 4 Page - OSRAM GmbH

  LD-W5AP Datasheet HTML 1Page - OSRAM GmbH LD-W5AP Datasheet HTML 2Page - OSRAM GmbH LD-W5AP Datasheet HTML 3Page - OSRAM GmbH LD-W5AP Datasheet HTML 4Page - OSRAM GmbH LD-W5AP Datasheet HTML 5Page - OSRAM GmbH LD-W5AP Datasheet HTML 6Page - OSRAM GmbH LD-W5AP Datasheet HTML 7Page - OSRAM GmbH LD-W5AP Datasheet HTML 8Page - OSRAM GmbH LD-W5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2008-08-08
4
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Werte
Values
Einheit
Unit
LD, LB
LT
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 150
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 150
°C
Sperrschichttemperatur
Junction temperature
T
j
160
°C
Sperrschichttemperatur
Junction temperature
T
j
175 fort short term
applications
°C
Durchlassstrom
(min.)
Forward current
(max.)
(
T
A=25°C)
I
F
I
F
0.2
2.0
0.3
2.0
A
A
Stoßstrom
Surge current
t
10 μs, D = 0.005, T
A=25°C
I
FM
4.0
A
Sperrspannung
Reverse voltage
(
T
A=25°C)
V
R
not designed for
reverse operation
V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
10
W
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
(max.)
Junction/solder point
(typ.)
R
th JS
R
th JS
5
2.5
K/W
K/W


Similar Part No. - LD-W5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD-W5AM OSRAM-LD-W5AM Datasheet
404Kb / 22P
   white SMD package, clear silicone lens
More results

Similar Description - LD-W5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDW5AP OSRAM-LDW5AP Datasheet
641Kb / 19P
   black SMD package, colorless clear silicone resin, silicone lense
LRW5AP OSRAM-LRW5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LR-W5AP OSRAM-LR-W5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LW-W5AP OSRAM-LW-W5AP Datasheet
642Kb / 18P
   dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
LCW-W5AP OSRAM-LCW-W5AP Datasheet
748Kb / 22P
   dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
LUWW5AP OSRAM-LUWW5AP Datasheet
848Kb / 20P
   dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
LUW-W5AP OSRAM-LUW-W5AP Datasheet
848Kb / 20P
   dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
LCWW5AP OSRAM-LCWW5AP Datasheet
748Kb / 22P
   dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com