Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0194170030 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0194170030
Description  MX150L Male Terminal for 18-22 AWG Wire, Length 26.16mm , Metal Strip Carrier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0194170030 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0194170030_18 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/10/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194170030
Status:
Active
Overview:
MX150L Industrial Sealed Connector System
Description:
MX150L Male Terminal for 18-22 AWG Wire, Length 26.16mm , Metal Strip Carrier,
Gold Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19417-001-001 (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Terminals
Series
19417
Application
Power
Comments
UL EI52602|Long Length
Crimp Quality Equipment
Yes
Overview
MX150L Industrial Sealed Connector System
Packaging Alternative
19417-0054 (Loose)
Product Literature Order No
987650-2181
Product Name
MX150L
UPC
822348794508
Physical
Durability (mating cycles max)
100
Gender
Male
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Net Weight
1.126/g
Packaging Type
Reel
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.36-2.74mm
Wire Size AWG
18, 20, 22
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-19417-001-001
Sales Drawing
SD-19417-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
19417 Series
Mates With
19420
Use With
19419 , 19429
This document was generated on 05/10/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0194170030_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194170011 MOLEX4-0194170011 Datasheet
146Kb / 3P
   MX150L??Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm(1.00")
0194170011 MOLEX1-0194170011_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170024 MOLEX4-0194170024 Datasheet
147Kb / 3P
   MX150L??Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 25.40mm(1.00")
0194170024 MOLEX1-0194170024_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170025 MOLEX1-0194170025_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
More results

Similar Description - 0194170030_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194170028 MOLEX1-0194170028_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 26.16mm
0194170027 MOLEX1-0194170027_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 26.16mm
0194170029 MOLEX1-0194170029_18 Datasheet
29Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Length 26.16mm , Metal Strip Carrier
0194170026 MOLEX1-0194170026_18 Datasheet
29Kb / 1P
   MX150L Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170024 MOLEX1-0194170024_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170024 MOLEX4-0194170024 Datasheet
147Kb / 3P
   MX150L??Male Terminal for 18-22 AWG Wire, Metal Strip Carrier, Length 25.40mm(1.00")
0194310015 MOLEX4-0194310015 Datasheet
118Kb / 3P
   MX150L??Male Terminal for 8 AWG Wire, Metal Strip Carrier
0194200004 MOLEX1-0194200004_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Gold Plated, Metal Strip Carrier
0194200002 MOLEX4-0194200002 Datasheet
121Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200002 MOLEX1-0194200002_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com