Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM51S3 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM51S3
Description  Low Voltage High Drive Temperature Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM51S3 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM51S3 Datasheet HTML 1Page - Fairchild Semiconductor FM51S3 Datasheet HTML 2Page - Fairchild Semiconductor FM51S3 Datasheet HTML 3Page - Fairchild Semiconductor FM51S3 Datasheet HTML 4Page - Fairchild Semiconductor FM51S3 Datasheet HTML 5Page - Fairchild Semiconductor FM51S3 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.fairchildsemi.com
FM51 Rev. C
FM51
Low Voltage High Drive
Temperature Sensor
General Description
The FM51 is a high-precision CMOS temperature sensor that
provides a cost-effective solution for applications requiring high-
accuracy temperature monitoring. The FM51 is ideally suited for
applications requiring high drive current. The FM51 output voltage
ramp is extremely linear and has a slope of 10mV/
°C. It is typically
accurate to
±1°C over a temperature range of -40°C to 125°C and
has a typical room temperature accuracy of
±0.5°C. The output
voltage characteristic for the FM51 is illustrated in Figure 1.
The FM51 does not require external calibration. Factory calibra-
tion of the FM51 is performed using a low-cost trimming technique.
The FM51 is available in 3-pin SOT-23 surface mount packages.
Features
I Precision Calibrated to ±1°C (Typical)
I Temperature Range: -40°C to 125°C
I Extremely Linear Output Ramp (10mV/°C)
Typical Applications
April 2001
I Low Output Impedance for 1mA Load
I Output Ramp is Calibrated in Degrees Celsius
I Low Operating Current <130µA (no load)
I Low Self Heating (0.2°C Max in Still Air)
I Operating Voltage Range: +2.7V to +6.0V
I Uses a Single Positive Supply
I Non-linearity ≤ 0.8°C
Applications
I Computers
I Battery Management
I FAX Machines/Printers/Copiers
I Portable Medical Instruments
I HVAC
I Power Supply Modules
I Disk Drives
I Automotive Control Circuits
© 2001 Fairchild Semiconductor Corporation
Serial Output Temperature to Digital Converter (Full Scale = +125
°C)
Serial
Analog-to-Digital
Converter
Adjustable
Shunt Voltage
Reference
FM51
U1
VTEMP
3.9K
IN
REF
1.75V
U3
U2
FB
5V
10K
100K
1
µF
SERIAL
DATA OUT
CLOCK
ENABLE


Similar Part No. - FM51S3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM5100 FORMOSA-FM5100 Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM5100 RECTRON-FM5100 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM5100 RECTRON-FM5100 Datasheet
326Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
FM5100 FRONTIER-FM5100 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Formosa MS
FM5100-B FORMOSA-FM5100-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM51S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
logo
List of Unclassifed Man...
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com