Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC08-12S15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FKC08-12S15
Description  8 WATTS DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FKC08-12S15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FKC08-12S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FKC08-12S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(5)
Eff
(6)
(%)
Capacitor
(7)
Load max
FKC08-12S33
9 – 18 VDC
3.3 VDC
2000mA
724mA
80
3300uF
FKC08-12S05
9 – 18 VDC
5 VDC
1500mA
791mA
83
1600uF
FKC08-12S12
9 – 18 VDC
12 VDC
666mA
792mA
88
350uF
FKC08-12S15
9 – 18 VDC
15 VDC
533mA
802mA
87
240uF
FKC08-12D05
9 – 18 VDC
± 5 VDC
± 800mA
843mA
83
± 1000uF
FKC08-12D12
9 – 18 VDC
± 12 VDC
± 333mA
802mA
87
± 160uF
FKC08-12D15
9 – 18 VDC
± 15 VDC
± 267mA
824mA
85
± 100uF
FKC08-24S33
18 – 36 VDC
3.3 VDC
2000mA
362mA
80
3300uF
FKC08-24S05
18 – 36 VDC
5 VDC
1500mA
396mA
83
1600uF
FKC08-24S12
18 – 36 VDC
12 VDC
666mA
406mA
86
350uF
FKC08-24S15
18 – 36 VDC
15 VDC
533mA
411mA
85
240uF
FKC08-24D05
18 – 36 VDC
± 5 VDC
± 800mA
427mA
82
± 1000uF
FKC08-24D12
18 – 36 VDC
± 12 VDC
± 333mA
406mA
86
± 160uF
FKC08-24D15
18 – 36 VDC
± 15 VDC
± 267mA
411mA
85
± 100uF
FKC08-48S33
36 – 75 VDC
3.3 VDC
2000mA
181mA
80
3300uF
FKC08-48S05
36 – 75 VDC
5 VDC
1500mA
198mA
83
1600uF
FKC08-48S12
36 – 75 VDC
12 VDC
666mA
203mA
86
350uF
FKC08-48S15
36 – 75 VDC
15 VDC
533mA
203mA
86
240uF
FKC08-48D05
36 – 75 VDC
± 5 VDC
± 800mA
205mA
85
± 1000uF
FKC08-48D12
36 – 75 VDC
± 12 VDC
± 333mA
200mA
87
± 160uF
FKC08-48D15
36 – 75 VDC
± 15 VDC
± 267mA
201mA
87
± 100uF
Note
1.
The FKC08 series required a minimum 10% loading on the output to maintain specified regulation. Operation
under no-load condition will not damage these devices, however they may not meet all listed specification.
2.
Please add an external filter at converter input terminals when measuring input reflected ripple, figure 1.
L : Simulated source impedance of 12 uH
C : Nippon chemi-con KMF series 47uF/100V
3.
The ON/OFF control pin voltage is referenced to negative input.
4.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC.
(Ground fixed and controlled environment)
5.
Maximum value at nominal input voltage and full load of standard type.
6.
Typical value at nominal input voltage and full load.
7.
Test by minimum Vin and constant resistive load.
DIP PIN CONNECTION
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
9
NC
COMMON
16
- OUTPUT COMMON
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
SMD PIN CONNECTION
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
- INPUT
- INPUT
3
- INPUT
-INPUT
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
9
NC
COMMON
16
- OUTPUT COMMON
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
Others
NC
NC
Others
NC
NC
All dimensions in Inches (mm)
Tolerance : x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
Pin pitch tolerance ±0.014(0.35)
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
14
23
22
16
3
9
2
1
11
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.08(2.0)
BOTTOM
VIEW
Suffix-SMD
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)
VER:05
1
/
2


Similar Part No. - FKC08-12S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC08-12S15 P-DUKE-FKC08-12S15 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
logo
Make-Ps
FKC08-12S15 MAKE-PS-FKC08-12S15 Datasheet
462Kb / 3P
   Single & Dual Output DC/DC Converter
logo
RSG Electronic Componen...
FKC08-12S15 RSG-FKC08-12S15 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-12S15 P-DUKE-FKC08-12S15 Datasheet
508Kb / 3P
   2:1 WIDE INPUT RANGE UP TO 8 Watts
More results

Similar Description - FKC08-12S15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
FKC08W RSG-FKC08W Datasheet
213Kb / 3P
   8 WATTS DC-DC CONVERTER
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
RDH600 XPPOWER-RDH600 Datasheet
684Kb / 6P
   DC-DC Converter 600 Watts
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com