Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0630CDMCCDS-150MC Datasheet(PDF) 3 Page - Sumida Corporation

Part No. 0630CDMCCDS-150MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0630CDMCCDS-150MC Datasheet(HTML) 3 Page - Sumida Corporation

  0630CDMCCDS-150MC Datasheet HTML 1Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 2Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 3Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 4Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Power Inductor
0630CDMCC/DS
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
3
6
9
12
15
0
10
20
30
40
50
60
Page 3 of 5
Revised: 1-Sep-17
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0.00
0.15
0.30
0.45
0.60
0.75
0.90
0
5
10
15
20
25
0
10
20
30
40
50
60
0.00
0.15
0.30
0.45
0.60
0.75
0.90
0
5
10
15
20
25
0
10
20
30
40
50
60
0.00
0.15
0.30
0.45
0.60
0.75
0.90
0
5
10
15
20
25
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
4
8
12
16
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. 0630CDMCCDS-R22MC
△T (℃)
L (μH)
2. 0630CDMCCDS-R24MC
△T (℃)
L (μH)
3. 0630CDMCCDS-R33MC
L (μH)
DC (A)
5. 0630CDMCCDS-R56MC
△T (℃)
L (μH)
6. 0630CDMCCDS-R68MC
7. 0630CDMCCDS-R82MC
△T (℃)
L (μH)
8. 0630CDMCCDS-1R0MC
△T (℃)
L (μH)
DC (A)
4. 0630CDMCCDS-R47MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (μH)
△T (℃)
L (μH)
L (20℃)
△T
9. 0630CDMCCDS-1R5MC
△T (℃)
L (μH)
DC (A)
DC (A)
10. 0630CDMCCDS-2R2MC
△T (℃)
L (μH)
11. 0630CDMCCDS-3R3MC
△T (℃)
L (μH)
DC (A)
DC (A)
12. 0630CDMCCDS-4R7MC
△T (℃)
L (μH)
DC (A)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn