Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0630CDMCCDS-150MC Datasheet(PDF) 4 Page - Sumida Corporation

Part No. 0630CDMCCDS-150MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0630CDMCCDS-150MC Datasheet(HTML) 4 Page - Sumida Corporation

  0630CDMCCDS-150MC Datasheet HTML 1Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 2Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 3Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 4Page - Sumida Corporation 0630CDMCCDS-150MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Power Inductor
0630CDMCC/DS
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
0
10
20
30
40
50
60
Page 4 of 5
Revised: 1-Sep-17
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
1
2
3
4
5
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
1
2
3
4
5
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. 0630CDMCCDS-5R6MC
△T (℃)
L (μH)
14. 0630CDMCCDS-6R8MC
△T (℃)
L (μH)
15. 0630CDMCCDS-8R2MC
L (μH)
DC (A)
17. 0630CDMCCDS-150MC
△T (℃)
DC (A)
DC (A)
DC (A)
△T (℃)
L (μH)
L (20℃)
△T
L (μH)
△T (℃)
DC (A)
16. 0630CDMCCDS-100MC
18. 0630CDMCCDS-220MC
DC (A)
△T (℃)
L (μH)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn